Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3658 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3658
Description  Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3658 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3658 Datasheet HTML 1Page - National Semiconductor (TI) LM3658 Datasheet HTML 2Page - National Semiconductor (TI) LM3658 Datasheet HTML 3Page - National Semiconductor (TI) LM3658 Datasheet HTML 4Page - National Semiconductor (TI) LM3658 Datasheet HTML 5Page - National Semiconductor (TI) LM3658 Datasheet HTML 6Page - National Semiconductor (TI) LM3658 Datasheet HTML 7Page - National Semiconductor (TI) LM3658 Datasheet HTML 8Page - National Semiconductor (TI) LM3658 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM3658
Dual Source USB/AC Li Chemistry Charger IC for
Portable Applications
General Description
The LM3658 is a single chip charger IC designed for hand-
held applications. It can safely charge and maintain a single
cell Li-Ion/Polymer battery operating from an AC wall
adapter or USB power source. Input power source selection
of USB/AC is automatic. With both power sources present,
the AC power source has priority. Charge current is pro-
grammed through an external resistor when operating from
an AC wall adapter allowing charge currents from 50 mA to
1000 mA. When the battery is charged using USB power,
charge currents of 100 mA or 500 mA are pin-selectable. The
termination voltage is controlled to within ±0.35% of 4.2V.
The LM3658 requires few external components and inte-
grates internal power FETs, reverse current protection and
current sensing. The internal power FETs are thermally regu-
lated to obtain the most efficient charging rate for a given
ambient temperature.
The LM3658 operates in five modes: pre-qualification mode,
constant-current mode, constant-voltage mode, top-off
mode and maintenance mode. Optimal battery management
is obtained through thermal regulation, battery temperature
measurement and multiple safety timers. The LM3658 pro-
vides two open-drain outputs for LED status indication or
connection to GPIOs.
Features
n
Integrated power FETs with thermal regulation
n
Charges from either an AC wall adapter or USB power
source with automatic source selection
n
50 mA to 1000 mA charge currents using AC wall
adapter
n
Pin-selectable USB charge currents of 100 mA or
500 mA
n
Continuous battery temperature monitoring
n
Built-in multiple safety timers
n
Charge status indication
n
Continuous over-current and temperature protection
n
Near-depleted battery pre-conditioning
n
Sleep mode with ultra low quiescent current
n
On-board Kelvin-sensing achieves ±0.35% termination
accuracy
n
Maintenance mode with automatic recharge
n
Thermally enhanced 3 mmx3mmLLP package
Applications
n
Smartphones
n
Digital still cameras
n
PDAs
n
Hard Drive and flash-based MP3 players
n
USB-powered devices
Typical Application
20128201
May 2005
© 2005 National Semiconductor Corporation
DS201282
www.national.com


Similar Part No. - LM3658

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3658 TI1-LM3658 Datasheet
871Kb / 21P
Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658 TI2-LM3658 Datasheet
501Kb / 22P
LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
REVISED MARCH 2007
LM3658SD TI1-LM3658SD Datasheet
869Kb / 21P
LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658SD-A TI1-LM3658SD-A Datasheet
792Kb / 20P
LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658SD-A/NOPB TI1-LM3658SD-A/NOPB Datasheet
869Kb / 21P
LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
More results

Similar Description - LM3658

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3947 NSC-LP3947 Datasheet
649Kb / 14P
USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
logo
STMicroelectronics
STW4102 STMICROELECTRONICS-STW4102 Datasheet
117Kb / 3P
Dual source USB Li-Ion charger with gas gauge
11-Jan-2007
logo
Eutech Microelectronics...
EUP8020X EUTECH-EUP8020X Datasheet
397Kb / 12P
Dual Source AC/USB Li-Ion/Polymer Charger IC for Portable Applications
logo
Richtek Technology Corp...
RT9524 RICHTEK-RT9524 Datasheet
336Kb / 12P
Linear Single Cell Li-Ion Battery Charger IC for Portable Applications
logo
Texas Instruments
LM3658SD-B TI1-LM3658SD-B Datasheet
869Kb / 21P
LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
BQ27210DRKRG4 TI1-BQ27210DRKRG4 Datasheet
977Kb / 35P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
LM3658SD-A TI1-LM3658SD-A Datasheet
792Kb / 20P
LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LP3947ISD-51 TI1-LP3947ISD-51 Datasheet
836Kb / 20P
LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
LM3658 TI1-LM3658_14 Datasheet
871Kb / 21P
Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
logo
Richtek Technology Corp...
RT9536H RICHTEK-RT9536H Datasheet
211Kb / 15P
Linear Single Cell Li-Ion Battery Charger IC for Portable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com