Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6902CMS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6902CMS
Description  Multiphase Oscillator with Spread Spectrum Frequency Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6902CMS Datasheet(HTML) 4 Page - Linear Technology

  LTC6902CMS Datasheet HTML 1Page - Linear Technology LTC6902CMS Datasheet HTML 2Page - Linear Technology LTC6902CMS Datasheet HTML 3Page - Linear Technology LTC6902CMS Datasheet HTML 4Page - Linear Technology LTC6902CMS Datasheet HTML 5Page - Linear Technology LTC6902CMS Datasheet HTML 6Page - Linear Technology LTC6902CMS Datasheet HTML 7Page - Linear Technology LTC6902CMS Datasheet HTML 8Page - Linear Technology LTC6902CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC6902
4
6902f
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Frequencies near 100kHz and 1MHz may be generated using two
different values of RSET (see Applications Information). For these
frequencies, the error is specified under the following assumption:
20k < RSET ≤ 400k for 5kHz ≤ fOUT ≤ 10MHz.
Note 3: Frequency accuracy is defined as the deviation from the fOUT
equation.
Note 4: Jitter is the ratio of the peak-to-peak distribution of the period to
the mean of the period. This specification is based on characterization and
is not 100% tested.
Note 5: Guaranteed by 5V test.
Note 6: To conform with the Logic IC Standard convention, current out of
a pin is arbitrarily given as a negative value.
Note 7: Output rise and fall times are measured between the 10% and the
90% power supply levels with no output loading. These specifications are
based on characterization.
Note 8: fMAX is defined as the highest frequency excursion and is equal to
the fOUT frequency set by the RSET resistor. fMIN is the lowest frequency
excursion.
Note 9: The LTC6902CMS and LTC6902IMS are guaranteed functional
over the operating temperature range of –40
°C to 85°C.
Note 10: The LTC6902CMS is guaranteed to meet 0
°C to 70°C specifica-
tions and are designed, characterized and expected to meet the specified
performance from –40
°C to 85°C but is not tested or QA sampled at these
temperatures. The LTC6902IMS is guaranteed to meet specified perfor-
mance from –40
°C to 85°C.
Output Resistance
vs Supply Voltage
Frequency Variation vs RSET
Frequency Variation Over
Temperature
Peak-to-Peak Jitter vs Output
Frequency (M = 1, 2-Phase Mode)
Supply Current vs Output
Frequency [SSFM Disabled,
2-Phase Mode (M = 1)]
TYPICAL PERFOR A CE CHARACTERISTICS
RSET (Ω)
1k
4
3
2
1
0
–1
–2
–3
–4
10k
100k
1M
6902 G01
TYPICAL LOW
TYPICAL HIGH
TA = 25°C
GUARANTEED LIMITS APPLY OVER
20k
Ω ≤ RSET ≤ 400kΩ
TEMPERATURE (
°C)
–40
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
6902 G02
–20
0
20
40
60
80
TYPICAL
LOW
RSET = 63.4k
÷1 OR ÷10 OR ÷100
TYPICAL
HIGH
OUTPUT FREQUENCY (Hz)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
6902 G03
1k
100k
1M
10k
10M
÷1, VA = 3V
÷1, VA = 5V
÷10
÷100
SUPPLY VOLTAGE (V)
2.5
3.0
40
80
140
3.5
4.5
5.0
6902 G05
60
120
100
4.0
5.5
6.0
OUTPUT SINKING CURRENT
OUTPUT SOURCING CURRENT
TA = 25°C
OUTPUT FREQUENCY (Hz)
1.0
2.0
3.0
3.5
1k
100k
1M
10M
6902 G04
0
10k
2.5
1.5
0.5
÷100, 5V
÷10, 5V
÷10, 3V
÷1, 3V
÷1, 5V
÷100, 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com