Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6902CMS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6902CMS
Description  Multiphase Oscillator with Spread Spectrum Frequency Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6902CMS Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6902CMS Datasheet HTML 2Page - Linear Technology LTC6902CMS Datasheet HTML 3Page - Linear Technology LTC6902CMS Datasheet HTML 4Page - Linear Technology LTC6902CMS Datasheet HTML 5Page - Linear Technology LTC6902CMS Datasheet HTML 6Page - Linear Technology LTC6902CMS Datasheet HTML 7Page - Linear Technology LTC6902CMS Datasheet HTML 8Page - Linear Technology LTC6902CMS Datasheet HTML 9Page - Linear Technology LTC6902CMS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC6902
6
6902f
QUICK DESIG GUIDE
Step 3. Calculating the RSET Resistor Value
The RSET resistor, the multiphase mode and the divider
setting set the output frequency (fOUT) for constant fre-
quency applications. For SSFM applications, the maxi-
mum frequency excursion (fMAX) is equal to fOUT.
Rk
MHz
NM f
N
Open
V
M
H
Open
HV
SET
OUT
=Ω • 


=
=
=
=
=
=
=
=
+
+
20
10
100
10
1
4
3
1
••
DIV Pin
V
DIV Pin
DIV Pin
0
(4 - Phase Output) PH Pin
V
(3 - Phase Output) P Pin
(2 - Phase Output) P Pin
0
Step 4. Calculating the RMOD Resistor Value
(Note: For constant frequency applications RMOD is not
required. Disable SSFM by connecting the MOD pin to
GND)
R
R
Spreading Percentage
MOD
SET
= 20 •
where the Spreading Percentage is defined by the
following:
Spreading Percentage
ff
f
MAX
MIN
MAX
= 100 •
where fMAX is the highest frequency excursion (set by the
RSET value calculated in Step 3) and fMIN is the lowest
frequency excursion.
Example
For a 4-phase, 250kHz clock with 40% spreading:
Connect PH Pin to V+
→ Selects 4-Phase Mode, M = 4
Leave DIV Pin Open
→ N = 10
RSET = 20k → Sets fOUT = fMAX = 250kHz
RMOD = 10k → Sets Spreading to 40%
PI FU CTIO S
V+ (Pin 1): Supply Voltage ( 2.7V
≤ V+ ≤ 5.5V). The supply
should be kept free from noise and ripple. It should be
bypassed directly to a ground plane with a 0.1
µF capacitor
placed as close to the pin as possible.
DIV (Pin 2): Divider Setting Input. This three-state input
selects among three divider settings determining the value
of N in the frequency equation. Pin 2 should be tied to GND
for the
÷1 setting, the highest frequency range. Floating
Pin 2, leaving it open, divides the master oscillator by 10.
Tie Pin 2 to V+ for the
÷100 setting, the lowest frequency
range. To detect a floating DIV pin, the LTC6902 places the
pin at the midsupply point with active circuitry. Therefore,
driving the DIV pin high requires sourcing approximately
2
µA. Similarly, driving the DIV pin low requires sinking
2
µA. When the DIV pin is floated, it should be bypassed by
a 1nF capacitor to GND or it should be surrounded by a
ground shield to prevent excessive coupling from other
PCB traces.
PH (Pin 3): Phase Setting Input. This three-state input
selects among three multiphase options. This sets the
outputs to produce 2-phase, 3-phase or 4-phase signals.
It also sets the value of M in the frequency equation. Pin 3
should be tied to GND for the 2-phase setting. This is the
highest frequency range with M set to 1. Floating Pin 3,
leaving it open, selects the 3-phase setting. This also sets
M to 3. Tie Pin 3 to V+ for the 4-phase setting. This is the
lowest frequency range as M is set to 4. To detect a floating
PH pin, the LTC6902 places the pin at the midsupply point
with active circuitry. Therefore, driving the PH pin high
requires sourcing approximately 2
µA. Similarly, driving
the PH pin low requires sinking 2
µA. When the PH pin is
floated, it should be bypassed by a 1nF capacitor to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com