Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T62 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M41T62
Description  Serial Access Real-Time Clock with Alarms
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M41T62 Datasheet HTML 12Page - STMicroelectronics M41T62 Datasheet HTML 13Page - STMicroelectronics M41T62 Datasheet HTML 14Page - STMicroelectronics M41T62 Datasheet HTML 15Page - STMicroelectronics M41T62 Datasheet HTML 16Page - STMicroelectronics M41T62 Datasheet HTML 17Page - STMicroelectronics M41T62 Datasheet HTML 18Page - STMicroelectronics M41T62 Datasheet HTML 19Page - STMicroelectronics M41T62 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
M41T62/63/64/65
16/33
Table 5. M41T64 Register Map
Keys: 0 = Must be set to '0'
32KE = 32KHz Enable Bit
AF = Alarm Flag (Read only)
BMB0 - BMB4 = Watchdog Multiplier Bits
CB0-CB1 = Century Bits
OF = Oscillator Fail Bit
RB0 - RB2 = Watchdog Resolution Bits
RPT1-RPT5 = Alarm Repeat Mode Bits
RS0-RS3 = SQW Frequency Bits
S = Sign Bit
SQWE = Square Wave Enable Bit
ST = Stop Bit
WDF = Watchdog Flag Bit (Read only)
Addr
Function/Range BCD
Format
D7
D6
D5
D4
D3
D2
D1
D0
00h
0.1 Seconds
0.01 Seconds
10ths/100ths
of Seconds
00-99
01h
ST
10 Seconds
Seconds
Seconds
00-59
02h
0
10 Minutes
Minutes
Minutes
00-59
03h
0
0
10 Hours
Hours (24 Hour Format)
Hours
00-23
04h
RS3
RS2
RS1
RS0
0
Day of Week
Day
01-7
05h
0
0
10 Date
Date: Day of Month
Date
01-31
06h
CB1
CB0
0
10M
Month
Century/
Month
0-3/01-12
07h
10 Years
Year
Year
00-99
08h
0
0
S
Calibration
Calibration
09h
RB2
BMB4
BMB3
BMB2
BMB1
BMB0
RB1
RB0
Watchdog
0Ah
0
SQWE
32KE
Al 10M
Alarm Month
Al Month
01-12
0Bh
RPT4
RPT5
AI 10 Date
Alarm Date
Al Date
01-31
0Ch
RPT3
0
AI 10 Hour
Alarm Hour
Al Hour
00-23
0Dh
RPT2
Alarm 10 Minutes
Alarm Minutes
Al Min
00-59
0Eh
RPT1
Alarm 10 Seconds
Alarm Seconds
Al Sec
00-59
0Fh
WDF
AF
0
0
0
OF
0
0
Flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com