Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T62 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M41T62
Description  Serial Access Real-Time Clock with Alarms
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M41T62 Datasheet HTML 17Page - STMicroelectronics M41T62 Datasheet HTML 18Page - STMicroelectronics M41T62 Datasheet HTML 19Page - STMicroelectronics M41T62 Datasheet HTML 20Page - STMicroelectronics M41T62 Datasheet HTML 21Page - STMicroelectronics M41T62 Datasheet HTML 22Page - STMicroelectronics M41T62 Datasheet HTML 23Page - STMicroelectronics M41T62 Datasheet HTML 24Page - STMicroelectronics M41T62 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
21/33
M41T62/63/64/65
Watchdog Timer
The watchdog timer can be used to detect an out-
of-control microprocessor. The user programs the
watchdog timer by setting the desired amount of
time-out into the Watchdog Register, address 09h.
Bits BMB4-BMB0 store a binary multiplier and the
three bits RB2-RB0 select the resolution where:
000=1/16 second (16Hz);
001=1/4 second (4Hz);
010=1 second (1Hz);
011=4 seconds (1/4Hz); and
100 = 1 minute (1/60Hz).
Note: Invalid combinations (101, 110, and 111) will
NOT enable a watchdog time-out. Setting the
BMB4-BMB0 = 0 with any combination of RB2-
RB0, other than 000, will result in an immediate
watchdog time-out.
The amount of time-out is then determined to be
the multiplication of the five-bit multiplier value with
the resolution. (For example: writing 00001110 in
the Watchdog Register = 3*1 or 3 seconds). If the
processor does not reset the timer within the spec-
ified period, the M41T6x sets the WDF (Watchdog
Flag) and generates an interrupt on the IRQ pin
(M41T62), or a watchdog output pulse (M41T63
and M41T65 only) on the WDO pin. The watchdog
timer can only be reset by having the microproces-
sor perform a WRITE of the Watchdog Register.
The time-out period then starts over.
Should the watchdog timer time-out, any value
may be written to the Watchdog Register in order
to clear the IRQ pin. A value of 00h will disable the
watchdog function until it is again programmed to
a new value. A READ of the Flags Register will re-
set the Watchdog Flag (Bit D7; Register 0Fh). The
watchdog function is automatically disabled upon
power-up, and the Watchdog Register is cleared.
Note: A WRITE to any clock register will restart
the watchdog timer.
Watchdog Output (WDO - M41T63/65 only)
If the processor does not reset the watchdog timer
within the specified period, the Watchdog Output
(WDO)
will
pulse
low
for
trec (see Table
17., page 27). This output may be connected to
the Reset input of the processor in order to gener-
ate a processor reset. After a watchdog time-out
occurs, the timer will remain disabled until such
time as a new countdown value is written into the
watchdog register.
Note: The crystal oscillator must be running for the
WDO pulse to be available.
The WDO output is an N-channel, open drain out-
put driver (with
IOL as specified in Table
14., page 26).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com