Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT13S-1P/S-R Datasheet(PDF) 17 Page - Hirose Electric

Part # GT13S-1P/S-R
Description  Highly efficient and reliable one step crimp termination allows high volume production with semiautomatic equipment.
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT13S-1P/S-R Datasheet(HTML) 17 Page - Hirose Electric

Back Button GT13S-1P/S-R Datasheet HTML 11Page - Hirose Electric GT13S-1P/S-R Datasheet HTML 12Page - Hirose Electric GT13S-1P/S-R Datasheet HTML 13Page - Hirose Electric GT13S-1P/S-R Datasheet HTML 14Page - Hirose Electric GT13S-1P/S-R Datasheet HTML 15Page - Hirose Electric GT13S-1P/S-R Datasheet HTML 16Page - Hirose Electric GT13S-1P/S-R Datasheet HTML 17Page - Hirose Electric GT13S-1P/S-R Datasheet HTML 18Page - Hirose Electric GT13S-1P/S-R Datasheet HTML 19Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
45
GT13 Series ● For Antenna
18.8
23.3
(39.35)
(1.5)
(1.5)
GT13SH-2/1S-HU
GT13SH-2/1S-R
GT13SH-2/1P-R
18.35
(25.9)
GT13S-1P/S-R
GT13S-1S-HU
10
φ3.5
15.3(1
(
( 0.6)
12.65
0.2
Board
Lands 3-φ1.6
For inner terminal φ1
For outer terminal 2-φ1
6.6
1.5
17.25
Part No.
HRS No.
Material
Color
Packaging RoHS
GT13SH-2/1PP-HU
763-0076-2 00
PBT
Light Gray
1
YES
Note : GT7-2022SCF(70) or GT7A-2022SCF(70) is used for power supply terminals.
Part No.
HRS No.
Material
Color
Packaging RoHS
GT13SH-2/1P-R
763-0077-5 00
PBT
Dark Gray
1
YES
Part No.
HRS No.
Material
/Plating or Color
Packaging RoHS
GT13SHA-1PP-DS
763-0062-8 00
Housing
:PBT/Light Gray
Center terminal
:Copper alloy/Tin plating
Outer terminal
:Copper alloy/Tin plating
Metal bracket
:Copper alloy/Tin plating
1
YES
Printed Circuit Board Type (1 Coaxial)
Retainer
M Housing (2 Coaxials + 1 Power contact)
BMated condition
BRecommended PCB
pattern
BRecommended panel
cutout dimension
BMated condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com