Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT13S-1P/S-R Datasheet(PDF) 19 Page - Hirose Electric

Part # GT13S-1P/S-R
Description  Highly efficient and reliable one step crimp termination allows high volume production with semiautomatic equipment.
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT13S-1P/S-R Datasheet(HTML) 19 Page - Hirose Electric

Back Button GT13S-1P/S-R Datasheet HTML 11Page - Hirose Electric GT13S-1P/S-R Datasheet HTML 12Page - Hirose Electric GT13S-1P/S-R Datasheet HTML 13Page - Hirose Electric GT13S-1P/S-R Datasheet HTML 14Page - Hirose Electric GT13S-1P/S-R Datasheet HTML 15Page - Hirose Electric GT13S-1P/S-R Datasheet HTML 16Page - Hirose Electric GT13S-1P/S-R Datasheet HTML 17Page - Hirose Electric GT13S-1P/S-R Datasheet HTML 18Page - Hirose Electric GT13S-1P/S-R Datasheet HTML 19Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
47
GT13 Series ● For Antenna
Part No.
HRS No.
Material
/Plating or Color
Packaging RoHS
GT13SHA-2/1PP-DS
763-0063-0
Housing
:PBT/Light Gray
Center terminal
:Copper alloy/Tin plating
Outer terminal
:Copper alloy/Tin plating
Power terminal
:Copper alloy/Tin plating
Metal bracket
:Copper alloy/Tin plating
1
YES
Automatic Crimping Machine
* Crimp height setting tables are available for each cable type. Please contact your nearest Hirose
Electric account representative.
* Different cables will require different crimp height settings.
B Crimping tools
User's manuals are available.Please contact a Hirose Electric account representative.
Specifications
Part No. CM-105C
Terminal Product No.
Terminal HRS No.
Tool No.
Tool HRS No.
GT13-2428/1.6-2.9SCF(70)
763-0001-3 70
AP105-GT13-2428/1.6-2.9S
901-5073-1
GT13-2428/1.6-2.9PCF(70)
763-0002-6 70
AP105-GT13-2428/1.6-2.9P
901-5074-7
GT13-30/1.6-2.9SCF(70)
763-0012-0 70
AP105-GT13-30/1.6-2.9S-ID
901-5099-5
GT13-30/1.6-2.9PCF(70)
763-0041-8 70
AP105-GT13-30/1.6-2.9P-ID
901-5118-8
GT13-30/1.6-2.9SCF(70)
763-0012-0 70
AP105-GT13-30/1.6-2.9S
901-5116-2
GT13-30/1.6-2.9PCF(70)
763-0041-8 70
AP105-GT13-30/1.6-2.9P
901-5119-0
(25.9)
15.3 (10.6)
GT13SH-2/1S-R
GT13SH-2/1S-HU
Board
15
10.4
0.2
23.3
15.3
19.4
R0.5
For inner terminal
2-Ø1
For outer terminal
4-Ø1
Lands
Ø2
Ø3.5
Lands 6-
Ø1.6
For power supply terminal
Ø1.4
6.6
1.5
BRecommended panel
cutout dimension
BRecommended PCB
pattern
Printed Circuit Board Type
(2 Coaxials + 1 Power contact)
BMated condition
Item
Press capacity
Stroke Length
Number of strokes
Weight
Motor
Crimping speed
Specification
1.5tons
30mm
200spm (50Hz)
75kg
0.2kW
2000 to 4000pcs/h
Remarks
200spm (60Hz)
AC 100V
Special reel stand is required.
Harness tools
Picture reference only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com