Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT13SC-1/1S-R Datasheet(PDF) 13 Page - Hirose Electric

Part # GT13SC-1/1S-R
Description  Highly efficient and reliable one step crimp termination allows high volume production with semiautomatic equipment.
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT13SC-1/1S-R Datasheet(HTML) 13 Page - Hirose Electric

Back Button GT13SC-1/1S-R Datasheet HTML 9Page - Hirose Electric GT13SC-1/1S-R Datasheet HTML 10Page - Hirose Electric GT13SC-1/1S-R Datasheet HTML 11Page - Hirose Electric GT13SC-1/1S-R Datasheet HTML 12Page - Hirose Electric GT13SC-1/1S-R Datasheet HTML 13Page - Hirose Electric GT13SC-1/1S-R Datasheet HTML 14Page - Hirose Electric GT13SC-1/1S-R Datasheet HTML 15Page - Hirose Electric GT13SC-1/1S-R Datasheet HTML 16Page - Hirose Electric GT13SC-1/1S-R Datasheet HTML 17Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
41
GT13 Series ● For Antenna
Standard
(A)
Part No.
HRS No.
Material
/Plating or Color Packaging RoHS
GT13SC-2/1PP-DS(70) 763-0018-6 70
Housing
:PBT/Light Gray
Center terminal
:Copper alloy
/Tin plating
Outer terminal
:Copper alloy
/Tin plating
Power terminal
:Copper alloy
/Tin plating
Metal bracket
:Copper alloy
/Tin plating
1
YES
Part No.
HRS No.
Material
Color
Key polarizing
code
Packaging RoHS
GT13SC-4/1PP-DS(70)
763-0019-9 70
Housing
:PBT
Center terminal
:Copper alloy/Tin plating
Outer terminal
:Copper alloy/Tin plating
Power terminal
:Copper alloy/Tin plating
Metal bracket
:Copper alloy/Tin plating
Light Gray
Standard
1
YES
GT13SC-4/1PP-DS(A)(70) 763-0020-8 70
Brown
(A)
23.45
15.3
5.1
6.8
10.4
5
0.2
(25.9)
(10.6)
GT13SC-2/1S-HU
GT13SC-2/1S-R
15.3
Lands
4-Ø1.6
For outer terminal
Ø1
For inner terminal
Ø1
For power supply
terminal
Ø1
6.6
1.5
10.1
Board
37.95
15.3
7.7 5.1
11.7
8.6
10.4
0.2
5.05
(25.9)
(13.8)
GT13SC-4/1S-HU
GT13SC-4/1S-R
12.1
For power supply
terminal
Ø1
For outer terminal
8-Ø1
For inner terminal
4-Ø1
Board
Lands
13-Ø1.6
10.1
6.6
1.5
Ø3.5
Printed Circuit Board Type
(4 Coaxials + 1 Power contact)
Printed Circuit Board Type
(2 Coaxials +1 Power contact)
BRecommended PCB
pattern
BRecommended panel
cutout dimension
BMated condition
BRecommended PCB
pattern
BRecommended panel
cutout dimension
BMated condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com