Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT13SC-1/1S-R Datasheet(PDF) 3 Page - Hirose Electric

Part # GT13SC-1/1S-R
Description  Highly efficient and reliable one step crimp termination allows high volume production with semiautomatic equipment.
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT13SC-1/1S-R Datasheet(HTML) 3 Page - Hirose Electric

  GT13SC-1/1S-R Datasheet HTML 1Page - Hirose Electric GT13SC-1/1S-R Datasheet HTML 2Page - Hirose Electric GT13SC-1/1S-R Datasheet HTML 3Page - Hirose Electric GT13SC-1/1S-R Datasheet HTML 4Page - Hirose Electric GT13SC-1/1S-R Datasheet HTML 5Page - Hirose Electric GT13SC-1/1S-R Datasheet HTML 6Page - Hirose Electric GT13SC-1/1S-R Datasheet HTML 7Page - Hirose Electric GT13SC-1/1S-R Datasheet HTML 8Page - Hirose Electric GT13SC-1/1S-R Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
31
GT13 Series ● For Antenna
13S Series
21.1
(1.5)
GT13S-1P/S-R
Low insertion F Terminals
F Housing (1 coaxial)
Standard
(A)
BRetainer assembled
Part No.
HRS No.
Material
Color
Key polarizing
code
Packaging RoHS
GT13S-1S-HU
763-0024-9 00
PBT
Light Gray
Standard
1
YES
GT13S-1S-HU(A)
763-0025-1 00
Brown
(A)
Part No.
HRS No.
Material
/Plating or Color
Conductor Size
(AWG)
Inner Insulation
Diameter
Outer
Diameter
Packaging
RoHS
GT13L-2428/1.1-2.2SCF 763-0115-2 00
Insulator
:PBT/Dark Gray
Center terminal
:Copper alloy/
Tin plating
Outer terminal
:Copper alloy/
Tin plating
24 to 28 AWG
Ø1.0 to 1.4 Ø2.0 to 2.4
3,000 pcs/reel
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com