Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62244FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M62244FP
Description  Li-ion Battery Charge Controller IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62244FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M62244FP Datasheet HTML 9Page - Renesas Technology Corp M62244FP Datasheet HTML 10Page - Renesas Technology Corp M62244FP Datasheet HTML 11Page - Renesas Technology Corp M62244FP Datasheet HTML 12Page - Renesas Technology Corp M62244FP Datasheet HTML 13Page - Renesas Technology Corp M62244FP Datasheet HTML 14Page - Renesas Technology Corp M62244FP Datasheet HTML 15Page - Renesas Technology Corp M62244FP Datasheet HTML 16Page - Renesas Technology Corp M62244FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
M62244FP
Rev.1.0, Sep.19.2003, page 13 of 17
7. Charging-completed judgement
(1) When fast charging is in progress and the charging current falls below the charging-completed current, charging
stops. One second later, the battery voltage is detected, and the IC performs one of the following operations
according to the detected value.
(a) If the voltage is 3.95 V or more, LED1 is turned off and LED2 is turned on. This indicates the completion of
charging.
(b) If the battery-voltage is 2.6 V or more but below 3.95 V, the IC makes the transition to fast charging.
(c) If the battery-voltage is below 2.6 V, the IC enters the abnormal mode.
(2) When the charging current is not below the charging-completed current 240 minutes after the start of fast
charging, charging stops. One second later, the battery voltage is detected, and the IC performs one of the
following operations according to the detected voltage value.
(a) If the battery-voltage is 3.95 V or more, LED1 is turned off and LED2 is turned. This indicates the
completion of charging.
(b) If the battery-voltage is below 3.95 V, the IC enters the abnormal mode.
8. Recharging
On completion of charging, the IC continues to detect the battery voltage. When the voltage is 3.9 V or less, the
timer is initialized and recharging in the form of fast charging starts up.
9. Detecting abnormality
When a condition in the list below is detected, the IC judges that the current state is abnormal and stops charging
(abnormal mode). Other than as described in item (8) below, the battery or adapter is disconnected and then
connected to make operation resume from the abnormal mode .
(1) The battery voltage is 1.0 V or less after 10 minutes in precharge 1.
(2) The battery voltage is 2.0 V or less after 60 minutes in precharge 1.
(3) Charging in the precharge-2 mode has continued for 60 minutes.
(4) The battery voltage is 2.6 V or less during fast charging.
(5) The battery voltage is 2.6 V or less at charging-completed judgement.
(6) The battery voltage is 4.35 V or more and excessive voltage is detected.
(7) The charging current is 1.5 A or more and excessive current is detected.
(8) The adapter voltage (voltage on the Vcc pin) is 6.3 V or more and excessive adapter-voltage is detected. Note,
however, that when 6.1 V or less is detected, the IC returns to a normal state (adapter-voltage standby H mode).
(9) The battery-voltage is below 1.95 V in the precharge-2 mode.
(10) The battery-voltage is below 3.95 V 240 minutes after the start of fast charging.
10. LED display
State
LED1 (red)
LED2 (green)
Battery disconnected
Off
Off
Charging in progress
On
Off
Charging completed
Off
On
Temperature-standby mode
Off
Off
Adapter-voltage standby L mode
Retains the previous state
Retains the previous state
Adapter-voltage standby H mode
Blinking
Off
Abnormal mode
Blinking
Off
When LED2 (green) is not in use, fixing the LED2 pin to low level selects a blinking period of 0.625 Hz (typ.) for
LED1 (red).
Note: When LED2 (green) is not in use, the LED2 pin must either be pulled up by a resistor or connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com