Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62244FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62244FP
Description  Li-ion Battery Charge Controller IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62244FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62244FP Datasheet HTML 1Page - Renesas Technology Corp M62244FP Datasheet HTML 2Page - Renesas Technology Corp M62244FP Datasheet HTML 3Page - Renesas Technology Corp M62244FP Datasheet HTML 4Page - Renesas Technology Corp M62244FP Datasheet HTML 5Page - Renesas Technology Corp M62244FP Datasheet HTML 6Page - Renesas Technology Corp M62244FP Datasheet HTML 7Page - Renesas Technology Corp M62244FP Datasheet HTML 8Page - Renesas Technology Corp M62244FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
M62244FP
Rev.1.0, Sep.19.2003, page 2 of 17
Description of pins
Protection diode
No.
Pin
name
I/O
Function
Positive
Negative
18
Vcc
Power-supply input
gnd1
16
LED1
O
LED drive
Vcc
gnd2
17
LED2
I/O
LED drive (with function for switching the LEDs’ blinking period)
The blinking period of LED1 is set to 0.6 Hz (typ.) by fixing this signal
low.
Vcc
gnd2
15
GND2
Ground for power supply
9
STP
I
Forcible charge OFF
H (or open): Charging possible, L: Charging stopped
Vcc
gnd1
8
COSC
For connection to the capacitor used to set the oscillator circuit’s
frequency
Vcc
gnd1
12
GND1
Ground
5
Tdet
I
Battery-temperature detection
Vcc
gnd1
10
Vref
O
Reference power-supply output
Vcc
gnd1
6
Vrchg
I
Adjustment of start-recharging voltage
The pin voltage is set to 1.0 V (typ.). The voltage at which recharging
starts (threshold) may be changed by using an external resistor etc. to
adjust the voltage on this pin. The actual voltage is the voltage on this
pin multiplied by 11.8 dB.
Vcc
gnd1
20
Idet1
I
gnd1
1
Idet2
I
Charging-current detection
The drop in voltage across an external resistor RS (connected between
these pins) reflects the size of the charging current and is used to detect
the completion of charging.
2
Vsense
I/O
Battery-voltage detection
Detects the battery-voltage value for use in charging control.
gnd1
7
Ifull
I
Charging-completed current switching
Select the current taken as indicating the completion of charging by
leaving this pin open or connecting it to ground. The charging-completed
current is controlled by comparing the voltage on the Ifull pin with the
level 12 dB above the voltage drop between Idet1 and Idet2.
Vcc
gnd1
13
C1
Compensation for the charge-control phase
A capacitor between C1 and ground improves the stability of oscillation
during charging at constant current and constant voltage.
Vcc
gnd1
14
C2
For connection of a capacitor that comes into play during switching of
the charging current
Reduces overshooting of the charging current when the charging current
is switched.
Vcc
gnd1
19
CTRL
O
Output for charge control
Controls the base (gate of a p-ch transistor) of an external pnp transistor
so that constant-current or constant-voltage charging is applied.
gnd2
3
Vadp1
I
For adjusting the adapter-detection voltage 1 (detection voltage when
charging has stopped)
Pin-voltage is set to 1.0 V (typ.). The value to be taken as adapter-
detection voltage 1 is controlled by using an external resistor etc. to
adjust the voltage on this pin. The actual voltage is the voltage on this
pin multiplied by 14.3.
Vcc
gnd1
4
Vadp2
I
For adjusting the adapter-detection voltage 2 (detection voltage during
charging)
Pin-voltage is set to 1.0 V (typ.). The value to be taken as adapter-
detection voltage 2 is controlled by using an external resistor etc. to
adjust the voltage on this pin. The actual voltage is the voltage on this
pin multiplied by 13.9dB.
Vcc
gnd1
11
Vcvref
O
Reference voltage for constant-voltage control
Vcc
gnd1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com