Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT5-2/1S-R Datasheet(PDF) 6 Page - Hirose Electric

Part # GT5-2/1S-R
Description  USCAR specified connector as SAE/USCAR-19
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT5-2/1S-R Datasheet(HTML) 6 Page - Hirose Electric

Back Button GT5-2/1S-R Datasheet HTML 2Page - Hirose Electric GT5-2/1S-R Datasheet HTML 3Page - Hirose Electric GT5-2/1S-R Datasheet HTML 4Page - Hirose Electric GT5-2/1S-R Datasheet HTML 5Page - Hirose Electric GT5-2/1S-R Datasheet HTML 6Page - Hirose Electric GT5-2/1S-R Datasheet HTML 7Page - Hirose Electric GT5-2/1S-R Datasheet HTML 8Page - Hirose Electric GT5-2/1S-R Datasheet HTML 9Page - Hirose Electric GT5-2/1S-R Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
12
GT5 Series ● For Antenna
M3
9.5
10.4
15
4
30
9.5
φ3.4
15
4
30
19
30
15
(11.4)
(1.35)
GT5-1P/S-R
GT5-1S-HU
Panel
thickness
Note 2
M3
10.4
19
BRecommended Panel Cut-out
BRecommended Panel Cut-out
Part No.
HRS No.
Material
/Plating or Color
Corresponding F Connector
Housing
Packaging RoHS
GT5A-1PP-HU(70)
755-0025-7 70
Housing
:PBT/Light Gray
Ground terminal
:Brass/Tin plating
GT5-1S-HU
1
YES
GT5R-1S-HU
Note 1 : Retainer is not required.
Note 2 : Use JIS B 1111 and 1101 M3 screws for the mounting screws.
Part No.
HRS No.
Material
/Plating or Color
Corresponding F Connector
Housing
Packaging
RoHS
GT5P-1PP-HU(70)
755-0030-7 70
Housing
:PBT/Light Gray
Ground terminal
:Brass/Tin plating
GT5-1S-HU
1
YES
GT5R-1S-HU
Note 1 : Retainer is not required.
Note 2 : Use JIS B 1111 and 1101 M3 screws for the mounting screws.
Housings
Panel mounting,
enhanced shielding type
[]
BMated condition (mounted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com