Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT5-2/1S-R Datasheet(PDF) 1 Page - Hirose Electric

Part # GT5-2/1S-R
Description  USCAR specified connector as SAE/USCAR-19
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT5-2/1S-R Datasheet(HTML) 1 Page - Hirose Electric

  GT5-2/1S-R Datasheet HTML 1Page - Hirose Electric GT5-2/1S-R Datasheet HTML 2Page - Hirose Electric GT5-2/1S-R Datasheet HTML 3Page - Hirose Electric GT5-2/1S-R Datasheet HTML 4Page - Hirose Electric GT5-2/1S-R Datasheet HTML 5Page - Hirose Electric GT5-2/1S-R Datasheet HTML 6Page - Hirose Electric GT5-2/1S-R Datasheet HTML 7Page - Hirose Electric GT5-2/1S-R Datasheet HTML 8Page - Hirose Electric GT5-2/1S-R Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
7
For Antenna
In-vehicle shielding connector with twin crimp technology
GT5 Series
---- Connectors for coaxial cables ----
<In-line, board mounted, combinations of coaxial cable with signal/power,
Waterproof type.
>
Applications
In-car communication, car sensors (temperature, pressure), automotive audio systems, GPS antenna
systems, RACS antenna audio/video antenna systems, CRT displays, medical and measuring
instrumentation, variety of communication equipment, office automation equipment, LAN systems.
Features
USCAR specified connector as SAE/USCAR-19
Low cost cable assembly
Highly efficient and reliable one step crimp termination "Twin Crimp
TM " allows high volume
production with semi-automatic equipment.
Space-saving design
Excellent high frequency performance
Refer to V.S.W.R. data on the following pages.
Patented
In cases where the application will demand a high level of reliability, such as automotive,
please contact a company representative for further information.


Similar Part No. - GT5-2/1S-R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT5-2022/1.6-2.9PCF HIROSE-GT5-2022/1.6-2.9PCF Datasheet
659Kb / 10P
Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT5-2022/1.6-2.9SCF HIROSE-GT5-2022/1.6-2.9SCF Datasheet
659Kb / 10P
Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT5-2022/F2.7-3.5PCF HIROSE-GT5-2022/F2.7-3.5PCF Datasheet
659Kb / 10P
Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT5-2022/F2.7-3.5SCF HIROSE-GT5-2022/F2.7-3.5SCF Datasheet
659Kb / 10P
Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT5-2022/F3.3-3.8PCF HIROSE-GT5-2022/F3.3-3.8PCF Datasheet
659Kb / 10P
Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
More results

Similar Description - GT5-2/1S-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0314081160 MOLEX4-0314081160 Datasheet
434Kb / 4P
USCAR 2.54mm (.100?? Pitch Receptacle
0314081120 MOLEX4-0314081120 Datasheet
434Kb / 4P
USCAR 2.54mm
0314081202 MOLEX4-0314081202 Datasheet
434Kb / 4P
USCAR 2.54mm
0314081161 MOLEX4-0314081161 Datasheet
434Kb / 4P
USCAR 2.54mm (.100?? Pitch Receptacle
0314081082 MOLEX4-0314081082 Datasheet
434Kb / 4P
USCAR 2.54mm (.100?? Pitch Receptacle, 8 Circuits, Polarization C, Brown
0314081162 MOLEX4-0314081162 Datasheet
434Kb / 4P
USCAR 2.54mm (.100?? Pitch Receptacle, 16 Circuits, Polarization C, Brown
0314081081 MOLEX4-0314081081 Datasheet
434Kb / 4P
USCAR 2.54mm (.100?? Pitch Receptacle, 8 Circuits, Polarization B, Gray
0945529012 MOLEX11-0945529012 Datasheet
224Kb / 3P
Housing A USCAR, Receptacle for Mox Terminal 0.64 mm, 12 Circuits
31410-1201 MOLEX-31410-1201 Datasheet
256Kb / 2P
USCAR 0.64MM RECEPTALCE SALES DRAWING, 20 CKT.
logo
Mitsumi Electronics, Co...
CAM-K78A MITSUMI-CAM-K78A Datasheet
497Kb / 6P
USCAR-30 Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com