Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF7-10RS/P-3.96 Datasheet(PDF) 6 Page - Hirose Electric

Part # DF7-10RS/P-3.96
Description  3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF7-10RS/P-3.96 Datasheet(HTML) 6 Page - Hirose Electric

Back Button DF7-10RS/P-3.96 Datasheet HTML 2Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 3Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 4Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 5Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 6Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 7Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 8Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 9Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
B100
s In-line plug (Panel lock type)
B Panel Cutout
2.0
1.6
1.2
0.8
X
1.44
0.96
0.48
0
Y
0.88
0.96
1.44
1.92
10±0.2
(C-Y)
+0.1
0
(A+0.4)
+0.1
0
(11.32+X)
+0.1
0
6.84
+0.1
0
Shown with terminated
and installed contacts.
2 to 10 Pos.
Shown with terminated
and installed contacts.
Note1: Bag packaging (100 pieces/bag). Order by number of bags.
Note2: Refer to page 10 for retainer.
CL No.
CL680-0134-4
CL680-0018-3
CL680-0019-6
CL680-0020-5
CL680-0021-8
CL680-0022-0
CL680-0023-3
CL680-0024-6
CL680-0025-9
CL680-0026-1
DF7- 1EP-3.96C
DF7- 2EP-3.96C
DF7- 3EP-3.96C
DF7- 4EP-3.96C
DF7- 5EP-3.96C
DF7- 6EP-3.96C
DF7- 7EP-3.96C
DF7- 8EP-3.96C
DF7- 9EP-3.96C
DF7-10EP-3.96C
2
1
3
13.96
17.40
21.36
25.32
29.28
33.24
37.20
41.16
45.12
49.08
Part Number
Number of contacts
A
C
4
5
6
7
8
9
10
6.44
10.40
14.36
18.32
22.28
26.24
30.20
34.16
38.12
42.08
B
-------------
3.96
7.92
11.88
15.84
19.80
23.76
27.72
31.68
35.64
6.44
12.44
13.96
No. of contacts indicator
Cavity No.
1
A
A
1
6.44
12.44
Contact No.1
indicator
No. of contacts
indicator
Cavity No.
A
3
3
B
P=3.96
C
9.5
B
10
1 Pos.
2 to 10 Pos.
1 Pos.
2 to 10 Pos.
1 Pos.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com