Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF7-10RS/P-3.96 Datasheet(PDF) 2 Page - Hirose Electric

Part # DF7-10RS/P-3.96
Description  3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF7-10RS/P-3.96 Datasheet(HTML) 2 Page - Hirose Electric

  DF7-10RS/P-3.96 Datasheet HTML 1Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 2Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 3Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 4Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 5Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 6Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 7Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 8Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
B96
sOrdering information
DF7 -
**
Series name: DF7, DF7A
Number of contacts: 1 to 12
Connector type
S: Socket
DS: Double-row socket
P: Header
DP: Double-row Header
EP: In-line plug
RS/P: Retainer
Contact pitch: 3.96mm(7.92 mm)
Type of housing: header
C: Crimp housing
DSA: Straight header
DS: Right-angle header
Blank: Retainer
1
2
3
4
5
Applicable Conductor
1618: AWG 16 to AWG 18
2022: AWG 20 to AWG 22
2426: AWG 24 to AWG 26
Packaging
SCF: Socket contacts / Reel
SC: Socket contacts / Bag
PCF: Plug contacts / Reel
PC: Plug contacts / Bag
6
7
1
6
SCF
7
DF7 -
* S- 3.96 C
1
2
3
4
5
10. 10 A maximum Current
Connector can carry current of 10 A per contact with
#16 AWG conductor.Refer to page 3 for current
ratings for multi-position connectors using other
conductor sizes.
11. Color Variations
1 pos. is available in a standard 3 colors: natural,
blue, and red.
12. Supports Eyelets
1 pos. can be mounted to boards which have eyelets
attached.
sApplications
Office equipment, power supplies for industrial, medical
and instrumentation applications, variety of consumer
electronic and electrical applications.
Crimp Sockets
Header
Refer to page 4 for details.
qSingle row, straight type
qSingle row, right angle type
Refer to page 5 for details.
Refer to page 10 for details.
qDouble rows, straight type
qDouble row, right angle type
Refer to page 10 for details.
In-line plug
qPanel lock type
Shown with
terminated and installed contacts.
Refer to page 7 for details.
Shown with
terminated and installed contacts.
Refer to page 6 for details.
Retainer
(optional, order separately)
Refer to page 10 for details.
qSingle row
qDouble rows
Shown with terminated
and installed contacts.
Refer to page 8 for details.
Shown with terminated
and installed contacts.
Refer to page 11 for details.
qSocket, Header
qContacts
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com