Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT5-4P/S-R Datasheet(PDF) 5 Page - Hirose Electric

Part # GT5-4P/S-R
Description  USCAR specified connector as SAE/USCAR-19
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT5-4P/S-R Datasheet(HTML) 5 Page - Hirose Electric

  GT5-4P/S-R Datasheet HTML 1Page - Hirose Electric GT5-4P/S-R Datasheet HTML 2Page - Hirose Electric GT5-4P/S-R Datasheet HTML 3Page - Hirose Electric GT5-4P/S-R Datasheet HTML 4Page - Hirose Electric GT5-4P/S-R Datasheet HTML 5Page - Hirose Electric GT5-4P/S-R Datasheet HTML 6Page - Hirose Electric GT5-4P/S-R Datasheet HTML 7Page - Hirose Electric GT5-4P/S-R Datasheet HTML 8Page - Hirose Electric GT5-4P/S-R Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
11
GT5 Series ● For Antenna
12.2
9.2
6.8
30
25
17
(41.4)
30
(11.4)
(1.35)(1.35)
GT5N-1PP-HU
GT5-1P/S-R
GT5-1S-HU
GT5-1P/S-R
BMated condition
*Used with separate retainer (GT5-1P/S-R),
 which is sold separately.
Housings
Ground terminal
Mounting bracket
attachment side
30
(31.35)
M Connectors
BShown with inserted retainer.
Standard
(A)
(B)
(C)
Housing (For use with N type
mounting bracket)
Part No.
HRS No.
Corresponding F
Connector Housing Material/Plating
Color
Key polarizing
code
Packaging RoHS
GT5-1PP-HU(70)
755-0005-0 70 GT5-1S-HU
Housing
:PBT
Ground terminal
:
Phosphor bronze
/
Tin plating
Light Gray
Standard
1
YES
GT5-1PP-HU(A)(70) 755-0039-1 70 GT5-1S-HU
(A)
Brown
(A)
GT5-1PP-HU(B)(70) 755-0040-0 70 GT5-1S-HU
(B)
Green
(B)
GT5-1PP-HU(C)(70) 755-0103-9 70 GT5-1S-HU
(C)
Blue
(C)
Note 1 : Refer to pages 27 for panel mounting in-line bracket.
Note 2 : Please use a mating F connector housing of a matching key type.
14.3
11.8
30
25
(41.4)
(11.4)
(1.35)
(1.35)
GT5H-1PP-HU
GT5-1P/S-R
GT5-1S-HU
GT5-1P/S-R
Housings (For use with H type
mounting bracket)
*Used with separate retainer (GT5-1P/S-R),
 which is sold separately.
Part No.
HRS No.
Material
Color
Corresponding F
Connector Housing
Packaging
RoHS
GT5H-1PP-HU(10)
755-0093-7 10
PBT
Light Gray
GT5-1S-HU
GT5R-1S-HU
1
YES
Part No.
HRS No.
Material
Color
Corresponding F
Connector Housing
Packaging RoHS
GT5N-1PP-HU
755-0090-9
PBT
Light Gray
GT5-1S-HU
GT5R-1S-HU
1
YES
*Used with separate
retainer (GT5-1P/S-R),
which is sold separately.
BMated condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com