Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT5-4P/S-R Datasheet(PDF) 10 Page - Hirose Electric

Part # GT5-4P/S-R
Description  USCAR specified connector as SAE/USCAR-19
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT5-4P/S-R Datasheet(HTML) 10 Page - Hirose Electric

Back Button GT5-4P/S-R Datasheet HTML 6Page - Hirose Electric GT5-4P/S-R Datasheet HTML 7Page - Hirose Electric GT5-4P/S-R Datasheet HTML 8Page - Hirose Electric GT5-4P/S-R Datasheet HTML 9Page - Hirose Electric GT5-4P/S-R Datasheet HTML 10Page - Hirose Electric GT5-4P/S-R Datasheet HTML 11Page - Hirose Electric GT5-4P/S-R Datasheet HTML 12Page - Hirose Electric GT5-4P/S-R Datasheet HTML 13Page - Hirose Electric GT5-4P/S-R Datasheet HTML 14Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
16
GT5 Series ● For Antenna
8.2
11.8
14.05
0.3
2-R0.7
1.5
1.5
3.6
22-R0.7 14 05
14.05
0.3
d
Board
3
R2.3
8.2
3.6
14.05
0.3
Board
14.05
0.3
Board
30
25
18.8
14.8
2-φ2.5
18.8
27.4
7.7
7
21.3
5.45
41.4
(11.4)
(1.35)
(1.35)
GT5-2S-HU
GT5-2P/S-R
GT5-2P/S-R
(32.7)
12.6
21.3
(11.4)
GT5-2P/S-R
GT5-2S-HU
Standard
(A)
(B)
(C)
GT5-2P-DS (70)
Recommended Panel Cut-out
GT5-2P-DS (A)(70) GT5-2P-DS (B)(70) GT5-2P-DS (C)(70)
Housings
Retainer (Used with GT5-2S-HU, GT5-2PP-HU, and GT5N-2PP-HU)
Board Mounting Type
BMated condition
3
5.45
Panel
For inner
conductor
For outside
conductor
2-φ3.5
2-φ1.2
4-φ1.2
Part No.
HRS No.
Material
/Plating or Color
Color
Key polarizing
code
Packaging
RoHS
GT5-2P-DS(70)
755-0043-9 70
Housing
:PBT/ー
Center terminal
:Brass/Tin plating
Insulator
:PBT/Dark Gray
Outer terminal
:Phosphor bronze/Tin plating
Light Gray Standard
1
YES
GT5-2P-DS(A)(70)
755-0061-0 70
Brown
(A)
GT5-2P-DS(B)(70)
755-0062-3 70
Green
(B)
GT5-2P-DS(C)(70)
755-0101-3 70
Blue
(C)
Note 1 : Housing.
Note 2 : Use JIS B 1115 and 1122 class 4, nominal diameter 3, length 6 screws.
Part No.
HRS No.
Material
Color
Packaging
RoHS
GT5N-2PP-HU
755-0055-8
PBT
Light Gray
1
YES
Note : Assemble main parts with separated retainer (GT5-2P/S-R).
Part No.
HRS No.
Material
Color
Packaging
RoHS
GT5-2P/S-R
755-0046-7
PBT
Dark Gray
1
YES
BRecommended Board
Mounting Pattern
BMated condition (mounted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com