Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36LLR8760 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M36LLR8760
Description  128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36LLR8760 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M36LLR8760 Datasheet HTML 8Page - STMicroelectronics M36LLR8760 Datasheet HTML 9Page - STMicroelectronics M36LLR8760 Datasheet HTML 10Page - STMicroelectronics M36LLR8760 Datasheet HTML 11Page - STMicroelectronics M36LLR8760 Datasheet HTML 12Page - STMicroelectronics M36LLR8760 Datasheet HTML 13Page - STMicroelectronics M36LLR8760 Datasheet HTML 14Page - STMicroelectronics M36LLR8760 Datasheet HTML 15Page - STMicroelectronics M36LLR8760 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
M36L0R7050T0, M36L0R7050B0
12/18
DC AND AC PARAMETERS
This section summarizes the operating measure-
ment conditions, and the DC and AC characteris-
tics of the device. The parameters in the DC and
AC characteristics Tables that follow, are derived
from tests performed under the Measurement
Conditions summarized in Table 5., Operating and
AC Measurement Conditions. Designers should
check that the operating conditions in their circuit
match the operating conditions when relying on
the quoted parameters.
Table 5. Operating and AC Measurement Conditions
Figure 5. AC Measurement I/O Waveform
Note: VDDQ = VDDP.
Figure 6. AC Measurement Load Circuit
Table 6. Device Capacitance
Note: Sampled only, not 100% tested.
Parameter
Flash Memory
PSRAM
Unit
Min
Max
Min
Max
VDDF Supply Voltage
1.7
1.95
–
–
V
VDDP Supply Voltage
––
1.7
1.95
V
VDDQ Supply Voltage
1.7
1.95
–
–
V
VPPF Supply Voltage (Factory
environment)
8.5
12.6
–
–
V
VPPF Supply Voltage (Application
environment)
–0.4
VDDQ +0.4
––
V
Ambient Operating Temperature
–25
85
–30
85
°C
Load Capacitance (CL)
30
50
pF
Output Circuit Resistors (R1, R2)
16.7
16.7
k
Ω
Input Rise and Fall Times
5
5
ns
Input Pulse Voltages
0 to VDDQ
0 to VDDQ
V
Input and Output Timing Ref. Voltages
VDDQ/2
VDDQ/2
V
AI06161
VDDQ
0V
VDDQ/2
AI08364B
VDDQ
CL
CL includes JIG capacitance
R1
DEVICE
UNDER
TEST
0.1µF
VDDQ
R2
0.1µF
VDDF
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
12
pF
COUT
Output Capacitance
VOUT = 0V
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com