Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36LLR8760 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M36LLR8760
Description  128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36LLR8760 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M36LLR8760 Datasheet HTML 10Page - STMicroelectronics M36LLR8760 Datasheet HTML 11Page - STMicroelectronics M36LLR8760 Datasheet HTML 12Page - STMicroelectronics M36LLR8760 Datasheet HTML 13Page - STMicroelectronics M36LLR8760 Datasheet HTML 14Page - STMicroelectronics M36LLR8760 Datasheet HTML 15Page - STMicroelectronics M36LLR8760 Datasheet HTML 16Page - STMicroelectronics M36LLR8760 Datasheet HTML 17Page - STMicroelectronics M36LLR8760 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
M36L0R7050T0, M36L0R7050B0
14/18
Table 8. Flash Memory DC Characteristics - Voltages
Table 9. PSRAM DC Characteristics
Note: 1. Maximum DC voltage on input and I/O pins is VDDP +0.2V.
During voltage transitions, input may positive overshoot to VDDP + 1.0V for a period of up to 5ns.
2. Minimum DC voltage on input or I/O pins is –0.3V.
During voltage transitions, input may positive overshoot to VSSP + 1.0V for a period of up to 5ns.
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VIL
Input Low Voltage
–0.5
0.4
V
VIH
Input High Voltage
VDDQ –0.4
VDDQ + 0.4
V
VOL
Output Low Voltage
IOL = 100µA
0.1
V
VOH
Output High Voltage
IOH = –100µA
VDDQ –0.1
V
VPP1
VPPF Program Voltage-Logic
Program, Erase
1.1
1.8
3.3
V
VPPH
VPPF Program Voltage Factory
Program, Erase
8.5
9.0
12.6
V
VPPLK
Program or Erase Lockout
0.4
V
VLKO
VDDF Lock Voltage
1V
VRPH
RPF pin Extended High Voltage
3.3
V
Symbol
Parameter
Test Condition
Min
Max
Unit
ICC1
VDDP Active Current
VDDP = 1.95V,
VIN = VIH or VIL,
E1P = VIL and E2P = VIH,
IOUT = 0mA
tRC / tWC =
minimum
25
mA
ICC2
tRC / tWC =
1 µs
3mA
ICC3
VDDP Page Read Current
VDDP = 1.95V,
VIN = VIH or VIL,
E1P = VIL and E2P = VIH,
IOUT = 0mA, tPRC = min.
10
mA
ICCPD
VDDP Power-Down Current
VDDP = 1.95V,
VIN = VIH or VIL,
E2P ≤ 0.2V
Deep Power-
Down
10
µA
ICCP4
4Mb Partial(3)
40
µA
ICCP8
8Mb Partial(3)
50
µA
ICCP16
16Mb Partial(3)
65
µA
ILI
Input Leakage Current
0V
≤ VIN ≤ VDDP
–1
1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VDDP
–1
1
µA
ISB
Standby Supply Current CMOS
VDDP = 1.95V,
VIN ≤ 0.2V or VIN ≥ VDDP –0.2V,
E1P = E2P ≥ VDDP –0.2V
100
µA
VIH
(1)
Input High Voltage
0.8VDDP
VDDP + 0.2
V
VIL
(2)
Input Low Voltage
–0.3
0.2VDDP
V
VOH
Output High Voltage
VDDP = 1.65V, IOH = –0.5mA
1.4
V
VOL
Output Low Voltage
IOL = 1mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com