Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT104/DF7-1618 Datasheet(PDF) 1 Page - Hirose Electric

Part # HT104/DF7-1618
Description  3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT104/DF7-1618 Datasheet(HTML) 1 Page - Hirose Electric

  HT104/DF7-1618 Datasheet HTML 1Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 2Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 3Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 4Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 5Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 6Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 7Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 8Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
B95
3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TÜV Listed)
DF7 Series
sFeatures
1. Complete Locking Function
Reliable interior lock protects mated connectors from
accidental disconnection.
2. Increased Contact Retention of Crimped
Contacts and Prevention of Incomplete
Insertion
Separate contact retainer increases the contact
retention, assures and visually confirms the complete
contact insertion.
3. Molded-in Contact Retention Tabs
Handling of terminated contacts during the assembly and
termination is easier and avoids entangling of wires,
since there are no protruding metal tabs.
4. Incorrect Insertion Prevention
Connectors are polarized to assure correct mating with
corresponding parts.
5.Solder Crack Prevention
Glass reinforced resin is used in the pin header bodies to
prevent solder cracks caused by the heat shrinkage.
6. Prevention of Incorrect Board Placement
Built-in locating posts assure correct connector
placement and orientation on the board.(2-12 pos.)
7. Supports Sealing after Installation.
Sealing compound can be applied to the board installed
connector for distance of 6 mm max. from the mounting
surface (9 mm max. for single position).
8.Cost Effective Tooling
The same crimping tools are used to terminate socket
and pin contacts.
9. Prevention of Shor t Circuits between
Adjacent Contacts
Each contact is completely surrounded by the insulator
housing, electrically isolating it from adjacent contacts.
Completely
enclosed
locking system
Complete
Locking
Function
Board Eyelet mounting
One pos. type can also be mounted
to boards that have eyelets.
Continued.
Guide post
Prevention of
Incorrect Connections
Full barrier
between adjacent
contacts.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - HT104/DF7-1618

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HT104/MDF27-1822P HIROSE-HT104/MDF27-1822P Datasheet
205Kb / 4P
Crimp Contact for Direct Joining Thick Wire PCB
HT104/PX50-3 HIROSE-HT104/PX50-3 Datasheet
432Kb / 8P
Power Supply Connectors For Industrial Equipment
HT104/QR/P17-1 HIROSE-HT104/QR/P17-1 Datasheet
521Kb / 12P
Rectangular, Multiple-Position Rack/Panel Insulation Displacement Connectors
More results

Similar Description - HT104/DF7-1618

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C Datasheet
569Kb / 15P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
logo
Tyco Electronics
C-1986165 MACOM-C-1986165 Datasheet
81Kb / 1P
SOLAR CABLE, UL-LISTED, 12AWG
C-1986166 MACOM-C-1986166 Datasheet
82Kb / 1P
SOLAR CABLE, UL-LISTED, 14AWG
logo
Hirose Electric
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
logo
List of Unclassifed Man...
BU-00209-0 ETC2-BU-00209-0 Datasheet
199Kb / 1P
UL Listed Threaded Safety Plunger
logo
Hirose Electric
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
1.25mm Pitch Miniature Crimping Connector (UL Listed)
KW30 HIROSE-KW30 Datasheet
395Kb / 12P
1mm Pitch, Single Row, Center Lock, Wire-to-Board Connector (UL/C-UL Listed)
Jul. 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com