Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRFC-R2 Datasheet(PDF) 4 Page - Hirose Electric

Part # HRFC-R2
Description  FC Type Fiber Optic Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HRFC-R2 Datasheet(HTML) 4 Page - Hirose Electric

  HRFC-R2 Datasheet HTML 1Page - Hirose Electric HRFC-R2 Datasheet HTML 2Page - Hirose Electric HRFC-R2 Datasheet HTML 3Page - Hirose Electric HRFC-R2 Datasheet HTML 4Page - Hirose Electric HRFC-R2 Datasheet HTML 5Page - Hirose Electric HRFC-R2 Datasheet HTML 6Page - Hirose Electric HRFC-R2 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
33
HRFC Series
●FC Type Fiber Optic Connectors
■Plug Housing
●For 2mm cable
●For 3mm cable
●For 0.9mm fiber
Please use it with the SC ferrules.
Part Number
CL No.
Boot color
Polishing type
HRFC-P8-H2(63)
701-0075-3-63
Blue
PC
HRFC-P8-L2(61)
701-0077-9-61
Light purple
AdPC
HRFC-P8-G2(62)
701-2001-8-62
Green
APC
Note: Guide key width is 2.1mm
Part Number
CL No.
Boot color
Polishing type
HRFC-P8-H3(62)
701-0074-0-62
Blue
PC
HRFC-P8-L3(61)
701-0078-1-61
Light purple
AdPC
HRFC-P8-G3(61)
701-2002-0-61
Green
APC
Note: Guide key width is 2.1mm
Part Number
CL No.
Boot color
Polishing type
HRFC-P15-H(62)
701-0114-3-62
Blue
PC
HRFC-P15-L(62)
701-0115-6-62
Light purple
AdPC
HRFC-P15-G(61)
701-2004-6-61
Green
APC
Note: Guide key width is 2.1mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com