Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRFC-R2 Datasheet(PDF) 2 Page - Hirose Electric

Part # HRFC-R2
Description  FC Type Fiber Optic Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HRFC-R2 Datasheet(HTML) 2 Page - Hirose Electric

  HRFC-R2 Datasheet HTML 1Page - Hirose Electric HRFC-R2 Datasheet HTML 2Page - Hirose Electric HRFC-R2 Datasheet HTML 3Page - Hirose Electric HRFC-R2 Datasheet HTML 4Page - Hirose Electric HRFC-R2 Datasheet HTML 5Page - Hirose Electric HRFC-R2 Datasheet HTML 6Page - Hirose Electric HRFC-R2 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
31
HRFC Series
●FC Type Fiber Optic Connectors
■Product Specifications
Ratings
Operating temperature range
-25°C to +70°C
Storage temperature range
-25°C to +70°C
Item
Test Method (IEC 61300)
Specifications
Insertion Loss
(SM)
Wavelength 1310nm (LD)
0.5dB max. (PC, AdPC, APC)
(GI)
Wavelength 1310nm (LED)
0.3dB max. (PC)
Return Loss
(SM)
Wavelength 1310nm (LD)
22dB min. (PC), 40dB min. (AdPC), 60dB min. (APC)
(GI)
22dB min. (PC)
Ferrule withdrawal
Extract zirconia gauge 2.499 ±0.0005mm
dia from split sleeve.
Phosphor bronze split sleeve
2N to 5.9N
Zirconia split sleeve
2N to 3.9N
Cable retention
(Straight pull)
98N tensile load for 1 minute.
1) Insertion loss fluctuation after test: 0.2dB max.
2) No visible damage, dislocation of clamp or cable.
Durability
(cycles, mating/un-mating)
1000 times
1) Insertion loss fluctuation after test: 0.2dB max.
2) No visible damage, cracks or part dislocation.
Vibration
Frequency: 10 to 55 Hz, single amplitude of 0.75mm,
2 hours in each of the 3 axis.
Shock
Acceleration of 981 m/s2, 6 ms duration,
half sine shock pulse, 10 cycles in each of the 3 axis.
Humidity
(Temperature/ humidity- cycles)
-10°C to 65°C, humidity: 90% to 96% 10 cycles
Change of temperature
-40°C to +75°C 42 cycles
(Complies with Telcordia standard GR-326-CORE)
Dry heat
240 hours at 85°C
Cold
240 hours at -25°C
Salt mist
48 hours in a 5% concentration of salt mist
No significant corrosion.
■Materials
Part
Material
Plug housing
Brass, Zinc alloy
Spring
Stainless steel
Ferrule
Zirconia
Adapter
Brass
Split sleeve
Zirconia or Phosphor bronze
Receptacle
Brass



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com