Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC10941 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC10941
Description  V. F. Alphanumeric and Bargraph Display Controller Summary Information-Not Recommended for New Designs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC10941 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC10941 Datasheet HTML 1Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MIC10941/10939
Micrel
8-24
August 1998
MIC10941/10939
V. F. Alphanumeric and Bargraph Display Controller
Summary Information*—Not Recommended for New Designs
Ordering Information
Part Number
Temperature Range
Package
MIC10941P-50
0
°C to +70°C
24-pin P-DIP
MIC10941PE-50
–40
°C to +85°C
24-pin P-DIP
MIC10939J-50
0
°C to +70°C
44-pin PLCC
MIC10939P-50
0
°C to +70°C
40-pin P-DIP
MIC10939PE-50
–40
°C to +85°C
40-pin P-DIP
General Description
The MIC10941 and MIC10939 Alphanumeric and Bargraph
Display Controller is a two-chip MOS/LSI general purpose
display controller system designed to interface with bargraph
and segmented displays (vacuum fluorescent or LED).
The two-chip set will drive displays with up to 16 segments
(plus decimal point and comma tail) and up to 20 grids
(characters) plus a cursor. The chips can be cascaded to
drive larger displays of 80 characters. Segment decoding for
ASCII characters and bargraph patterns is accomplished
through an internal PLA.
Micrel has received the rights from Rockwell International to
manufacture and market this product and reproduce the
specifications, including references to Rockwell.
Block Diagram
Features
• 20-character display driver cascadable to 80 characters
• Direct drive capability for vacuum-fluorescent displays
• 128
× 18 PLA provides segment decoding for ASCII
characters (all caps only) and bargraph patterns
• Serial or parallel data input for 8-bit display and control
characters
• Brightness, refresh rate, and display mode controls
• Separate cursor driver output
• 40-pin DIP or 44-pin PLCC (MIC10939)
• 24-pin DIP package (MIC10941)
INVERSION
LOGIC
8-BIT SHIFT
REGISTER
SEGMENT DRIVERS AND LATCHES
128
× 18 PLA
LEVEL
DETECT
LOGIC
CONTROL
LOGIC
GRID DRIVERS
20
× 8
RAM
HOST
20-CHARACTER 16-SEGMENT ALPHANUMERIC OR BARGRAPH DISPLAY
MIC10941
MIC10939
SG01-SG16
CURSOR
STR00–STR19
SCLK-DIS
DATA-LOAD
LEVEL
DETECT
LOGIC
PNT
TAIL
* Contact Micrel for more information.


Similar Part No. - MIC10941

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC10942 MICREL-MIC10942 Datasheet
20Kb / 1P
V. F. Dot Matrix Display Controller
MIC10942P-50 MICREL-MIC10942P-50 Datasheet
20Kb / 1P
V. F. Dot Matrix Display Controller
MIC10942PE-50 MICREL-MIC10942PE-50 Datasheet
20Kb / 1P
V. F. Dot Matrix Display Controller
MIC10943 MICREL-MIC10943 Datasheet
20Kb / 1P
V. F. Dot Matrix Display Controller
MIC10943P-50 MICREL-MIC10943P-50 Datasheet
20Kb / 1P
V. F. Dot Matrix Display Controller
More results

Similar Description - MIC10941

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
USB Power Control Switch Not Recommended for New Designs
MPD8020 MICREL-MPD8020 Datasheet
30Kb / 2P
CMOS/DMOS Semicustom High-Voltage Array Summary Information*.Not Recommended for New Designs
MIC50395 MICREL-MIC50395 Datasheet
64Kb / 6P
Six Decade Counter / Display Decoder Not Recommended for New Designs
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Micrel Semiconductor
MIC10951 MICREL-MIC10951 Datasheet
26Kb / 1P
V. F. Bargraph and Numeric Display Controller
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
On phase-out, not recommended for new designs
logo
Micrel Semiconductor
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
Dual P-Channel MOSFET Not Recommended for New Designs
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
NOT RECOMMENDED FOR NEW DESIGNS
logo
List of Unclassifed Man...
10941 ETC-10941 Datasheet
565Kb / 10P
Alphanumeric and Bargraph Display Controller
Rev. 3, June 1987
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com