Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3274 Datasheet(PDF) 13 Page - Exar Corporation

Part # MP3274
Description  Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP3274 Datasheet(HTML) 13 Page - Exar Corporation

Back Button MP3274 Datasheet HTML 8Page - Exar Corporation MP3274 Datasheet HTML 9Page - Exar Corporation MP3274 Datasheet HTML 10Page - Exar Corporation MP3274 Datasheet HTML 11Page - Exar Corporation MP3274 Datasheet HTML 12Page - Exar Corporation MP3274 Datasheet HTML 13Page - Exar Corporation MP3274 Datasheet HTML 14Page - Exar Corporation MP3274 Datasheet HTML 15Page - Exar Corporation MP3274 Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP3274
13
Rev. 4.00
A
0.079
0.095
2.00
2.41
b
0.016
0.020
0.406
0.508
D
1.086
1.110
27.6
28.2
D1
0.788
0.812
20.0
20.6
e
0.100 typ.
2.54 typ.
L1
0.170
0.190
4.32
4.83
Q
0.050 typ.
1.27 typ.
68 LEAD PIN GRID ARRAY
(PGA)
G68
SYMBOL
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
D
D
D1
e
D1
L
K
J
H
G
F
E
D
8
7
6
5
4
3
2
1
e
b
L1
Q
Seating Plane
Pin 1
1B2
2B1
3C2
4C1
5D2
6D1
7E2
8E1
9F2
10
F1
11
G2
12
G1
13
H2
14
H1
15
J2
16
J1
17
K1
CONNECTION TABLE
18
K2
19
L2
20
K3
21
L3
22
K4
23
L4
24
K5
25
L5
26
K6
27
L6
28
K7
29
L7
30
K8
31
L8
32
K9
33
L9
34
L10
35
K10
36
K11
37
J10
38
J11
39
H10
40
H11
41
G10
42
G11
43
F10
44
F11
45
E10
46
E11
47
D10
48
D11
49
C10
50
C11
51
B11
PAD
PIN
PAD
PIN
PAD
PIN
Note: The letters A-H and numbers 1-8 are the coordinates
of a grid. For example, pin 1 is at the intersections of the “B”
vertical line and the “2” horizontal line.
A
52
B10
53
A10
54
B9
55
A9
56
B8
57
A8
58
B7
59
A7
60
B6
61
A6
62
B5
63
A5
64
B4
65
A4
66
B3
67
A3
68
A2
PAD
PIN
C
B
A
910
11
Index
Mark
IP
IP = Index Pin, not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com