Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2900935 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2900935
Description  Please be informed that the data shown in this PDF Document is generated from our Online Catalog
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2900935 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2900935 Datasheet HTML 1Page - PHOENIX CONTACT 2900935 Datasheet HTML 2Page - PHOENIX CONTACT 2900935 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/2900935
09/03/2018   Page 1 / 3
Relay base - RIF-3-BSC/2X21 - 2900935
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
RIF-3... relay base, for octal relay with 2 changeover contacts, screw connection, plug-in option for input/
interference suppression modules, for mounting on NS 35/7,5
Key Commercial Data
Packing unit
10 STK
GTIN
GTIN
4046356733021
Technical data
Dimensions
Width
40 mm
Height
96 mm
Depth with retaining bracket
90 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 85 °C (Depends on application/assembly)
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Input data
Protective circuit
depending on the selected input/suppressor modules
Connection data, input side
Connection name
Input side
Connection method
Screw connection
Stripping length
8 mm
Conductor cross section solid
0.5 mm² ... 4 mm²
Conductor cross section flexible
0.5 mm² ... 4 mm²
0.5 mm² ... 4 mm² (Ferrule with plastic sleeve)
Conductor cross section flexible (2 conductors with same cross section) 0.5 mm² ... 2.5 mm²


Similar Part No. - 2900935

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900930 PHOENIX-2900930 Datasheet
63Kb / 3P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog
2900931 PHOENIX-2900931 Datasheet
124Kb / 20P
Relay socket - RIF-1-BPT/2X21
2900932 PHOENIX-2900932 Datasheet
63Kb / 3P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog
2900933 PHOENIX-2900933 Datasheet
42Kb / 2P
Accessories, left/right support bracket for a monitor/IPC in IP65 housing
2900934 PHOENIX-2900934 Datasheet
106Kb / 16P
Relay socket - RIF-2-BPT/4X21
More results

Similar Description - 2900935

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
RIF-1-V8 PHOENIX-RIF-1-V8 Datasheet
70Kb / 5P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog.
POSI48DC PHOENIX-POSI48DC Datasheet
40Kb / 2P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog.
RAD-SYS-NEMA4X-SMS PHOENIX-RAD-SYS-NEMA4X-SMS Datasheet
55Kb / 3P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog.
EMG22-ILA15AC PHOENIX-EMG22-ILA15AC Datasheet
42Kb / 1P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog.
CUTFOX-ES PHOENIX-CUTFOX-ES Datasheet
50Kb / 2P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog.
CRIMPFOX-RC-16-N PHOENIX-CRIMPFOX-RC-16-N Datasheet
54Kb / 3P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog.
CRIMPFOX-RCI-6-N PHOENIX-CRIMPFOX-RCI-6-N Datasheet
54Kb / 2P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog
CRIMPFOX-SC-6-N PHOENIX-CRIMPFOX-SC-6-N Datasheet
54Kb / 3P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog.
2900930 PHOENIX-2900930 Datasheet
63Kb / 3P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog
2900932 PHOENIX-2900932 Datasheet
63Kb / 3P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com