Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2900935 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2900935
Description  Please be informed that the data shown in this PDF Document is generated from our Online Catalog
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2900935 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2900935 Datasheet HTML 1Page - PHOENIX CONTACT 2900935 Datasheet HTML 2Page - PHOENIX CONTACT 2900935 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/2900935
09/03/2018   Page 2 / 3
Relay base - RIF-3-BSC/2X21 - 2900935
Technical data
Connection data, input side
0.5 mm² ... 1.5 mm² (TWIN ferrule with plastic sleeve)
Conductor cross section AWG
20 ... 10 (solid)
20 ... 12 (flexible)
Torque
0.5 Nm ... 0.6 Nm
Connection data, output side
Connection name
Contact side
Connection method
Screw connection
Stripping length
8 mm
Conductor cross section solid
0.5 mm² ... 4 mm²
Conductor cross section flexible
0.5 mm² ... 4 mm²
0.5 mm² ... 4 mm² (Ferrule with plastic sleeve)
Conductor cross section flexible (2 conductors with same cross section) 0.5 mm² ... 2.5 mm²
0.5 mm² ... 1.5 mm² (TWIN ferrule with plastic sleeve)
Conductor cross section AWG
20 ... 10 (solid)
20 ... 12 (flexible)
Torque
0.5 Nm ... 0.6 Nm
General
Nominal voltage UN
250 V AC/DC
Nominal current IN
max. 12.5 A (Depends on application/assembly)
Protective circuit
depending on the selected input/suppressor modules
Color
gray
Standards and Regulations
Flammability rating according to UL 94
V2
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Approvals
Approvals
Approvals
DNV GL / CSA / UL Recognized / EAC
Ex Approvals



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com