Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3274AP Datasheet(PDF) 3 Page - Exar Corporation

Part # MP3274AP
Description  Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP3274AP Datasheet(HTML) 3 Page - Exar Corporation

  MP3274AP Datasheet HTML 1Page - Exar Corporation MP3274AP Datasheet HTML 2Page - Exar Corporation MP3274AP Datasheet HTML 3Page - Exar Corporation MP3274AP Datasheet HTML 4Page - Exar Corporation MP3274AP Datasheet HTML 5Page - Exar Corporation MP3274AP Datasheet HTML 6Page - Exar Corporation MP3274AP Datasheet HTML 7Page - Exar Corporation MP3274AP Datasheet HTML 8Page - Exar Corporation MP3274AP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP3274
3
Rev. 4.00
PIN OUT DEFINITIONS
61
1
VEE
Negative Analog Supply
62
2
AIN24
Analog Input 24
63
3
AIN25
Analog Input 25
64
4
AIN26
Analog Input 26
65
5
AIN27
Analog Input 27
66
6
AIN28
Analog Input 28
67
7
AIN29
Analog Input 29
68
8
AIN30
Analog Input 30
19
AIN31
Analog Input 31
2
10
GND Ref.
Input Ground Reference
3
11
AGND
ADC Analog Ground
4
12
Ref In
Reference Input
5
13
Ref Out
Reference Output
6
14
AGND3
Reference Analog Ground
7
15
DGND
Digital Ground
8
16
DB0/SDC
Data Output Bit 0/Serial
Data Clock
9
17
N/C
No Connection
10
18
DB1
Data Output Bit 1
11
19
DB2
Data Output Bit 2
12
20
DB3
Data Output Bit 3
13
21
DB4
Data Output Bit 4
14
22
DB5
Data Output Bit 5
15
23
DB6
Data Output Bit 6
16
24
DB7
Data Output Bit 7
17
25
DB8
Data Output Bit 8
18
26
DB9
Data Output Bit 9
19
27
DB10
Data Output Bit 10
20
28
DB11/SDO
Data Output Bit 11/Serial
Data Out
21
29
STS
Conversion Status
22
30
STL
Mux Settling Status
23
31
PXS
Parallel/XSerial
24
32
RD
Read Enable
25
33
CS
Chip Select
26
34
WR
Write Enable
NAME
DESCRIPTION
27
35
ADEN
Address Enable
28
36
AB4
Channel Address 4
29
37
AB3
Channel Address 3
30
38
AB2
Channel Address 2
31
39
AB1
Channel Address 1
32
40
AB0
Channel Address 0
33
41
VDD
Positive Digital Supply
34
42
VCC
Positive Analog Supply
35
43
AIN0
Analog Input 0
36
44
AIN1
Analog Input 1
37
45
AIN2
Analog Input 2
38
46
AIN3
Analog Input 3
39
47
AIN4
Analog Input 4
40
48
AIN5
Analog Input 5
41
49
AIN6
Analog Input 6
42
50
AIN7
Analog Input 7
43
51
N/C
No Connection
44
52
AIN8
Analog Input 8
45
53
AIN9
Analog Input 9
46
54
AIN10
Analog Input 10
47
55
AIN11
Analog Input 11
48
56
AIN12
Analog Input 12
49
57
AIN13
Analog Input 13
50
58
AIN14
Analog Input 14
51
59
AIN15
Analog Input 15
52
60
AGND2
Analog Ground Mux Return
53
61
AIN16
Analog Input 16
54
62
AIN17
Analog Input 17
55
63
AIN18
Analog Input 18
56
64
AIN19
Analog Input 19
57
65
AIN20
Analog Input 20
58
66
AIN21
Analog Input 21
59
67
AIN22
Analog Input 22
60
68
AIN23
Analog Input 23
DESCRIPTION
PLCC
PIN NO.
PGA
PADS
NAME
PLCC
PIN NO.
PGA
PADS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com