Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3274AP Datasheet(PDF) 1 Page - Exar Corporation

Part # MP3274AP
Description  Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP3274AP Datasheet(HTML) 1 Page - Exar Corporation

  MP3274AP Datasheet HTML 1Page - Exar Corporation MP3274AP Datasheet HTML 2Page - Exar Corporation MP3274AP Datasheet HTML 3Page - Exar Corporation MP3274AP Datasheet HTML 4Page - Exar Corporation MP3274AP Datasheet HTML 5Page - Exar Corporation MP3274AP Datasheet HTML 6Page - Exar Corporation MP3274AP Datasheet HTML 7Page - Exar Corporation MP3274AP Datasheet HTML 8Page - Exar Corporation MP3274AP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP3274
1
Rev. 4.00
Fault Protected 32 Channel, 12-Bit
Data Acquisition Subsystem
FEATURES
• Complete 32-Channel 12-Bit A/D Converter
with Sample & Hold, Reference, Clock and
3-State Outputs
• Fast Conversion, less than 15µS
• Microprocessor Bus Interface
• Parallel or Serial Data Output Modes
• 65 ns Bus Access Time
• Remote Analog Ground Sensing
• Overvoltage Protected Input (50 V over the
Supply Voltages)
• Precision Reference for Long Term Stability and
Low Gain T.C.
• Guaranteed Linearity Over Temperature
• Guaranteed Performance at +12/–5 V, ±12 & ±15 V
• Low Power (3 mW per Channel Typical)
• 16 Channel Version: MP3276 & MP3275
GENERAL DESCRIPTION
The MP3274 is a complete 32-channel, 12-bit Data Acquisi-
tion Subsystem with 3-state output buffers for direct interfacing
to 16-bit microprocessor buses. Implemented using an ad-
vanced BiCMOS process, the converter combines a 32-channel
passive overvoltage protected multiplexer instrumentation amp,
a sample & hold, a SAR, a 12-bit decoded D/A, a comparator, a
precision reference and the control logic to achieve an accurate,
repeated conversion in less than 15
µs, and a mux/instrumenta-
tion amp settling period of less than 10
µs.
A unique input design provides input overvoltage protection
to
50 V over the supply voltages. Therefore, an overvoltage
condition can exist on unselected channels without disrupting
the measured channel or operation of the MP3274! The internal
4 V reference has sufficient output current to provide other sys-
tem reference needs. Precision thin film scaling and offset resis-
tors are laser trimmed to provide for less than 2 LSB INL for +10
V inputs on all channels.
In addition, the MP3274 will output either full scale (0111 ....)
for overrange and – full scale (1000....) for underrange condi-
tions. This greatly simplifies microprocessor software develop-
ment.
SIMPLIFIED BLOCK DIAGRAM
–
+
Comp
SAR
4 V
REF
32
5
32 Ch.
MUX
AB0-4
(5 pins)
AIN0-31
(32 pins)
REF OUT
Control
Logic
GND REF.
DGND VEE
VDAC
Latch/
Shift Register
3-State
Drivers
12
DB0-DB11
REF IN /2
12
VDD
VCC
CLK
WR RD
CS
PXS
ADEN
STL
STS
AGND
VREF
AGND2
AGND3
AGND
REF IN


Similar Part No. - MP3274AP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP3275 EXAR-MP3275 Datasheet
138Kb / 16P
Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3275AE EXAR-MP3275AE Datasheet
138Kb / 16P
Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3276 EXAR-MP3276 Datasheet
170Kb / 16P
Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3276AG EXAR-MP3276AG Datasheet
170Kb / 16P
Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3276AP EXAR-MP3276AP Datasheet
170Kb / 16P
Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
More results

Similar Description - MP3274AP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
16-Channel,12-Bit Data Acquisition System
logo
Burr-Brown (TI)
VECANA01 BURR-BROWN-VECANA01 Datasheet
329Kb / 17P
10-Channel, 12-Bit DATA ACQUISITION SYSTEM
ADS7833 BURR-BROWN-ADS7833 Datasheet
150Kb / 12P
10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Exar Corporation
MP3276 EXAR-MP3276 Datasheet
170Kb / 16P
Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3275 EXAR-MP3275 Datasheet
138Kb / 16P
Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
16 Channel 12 Bit Data Acquisition System
REV. A
logo
Texas Instruments
VECANA01 TI1-VECANA01_13 Datasheet
328Kb / 17P
10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Analog Devices
ADAQ7980 AD-ADAQ7980 Datasheet
1Mb / 49P
16-Bit, 1 MSPS, Integrated Data Acquisition Subsystem
Rev. 0
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
8-Channel, 12-Bit Serial Data Acquisition System
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com