Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCS-3053 Datasheet(PDF) 2 Page - Level One

Part # FCS-3053
Description  Fixed Dome IP Network Camera
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FCS-3053 Datasheet(HTML) 2 Page - Level One

  FCS-3053_18 Datasheet HTML 1Page - Level One FCS-3053_18 Datasheet HTML 2Page - Level One FCS-3053_18 Datasheet HTML 3Page - Level One FCS-3053_18 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Image Sensor:
3-Megapixel 1/3.2" Progressive Scan CMOS
Lens:
Fixed focal, Fixed iris, Fixed focus, f3.6mm, F1.8
Port:
1 x RJ-45 10/100 Mbps PoE port
Button/Knob:
Reset Button
Indicator:
Power & Link
IR Cut Filter:
Removable infrared-cut filter for day & night function
IR LED:
10 IR LEDs for illumination up to 20m
Shutter Time:
1/5 ~ 1/10,000 sec
Angle of View:
72°
Pan/Tilt/Zoom:
Digital Zoom to very high detail available on Software
Video Compression:
H.264 / MJPEG
Resolution:
3M(2048 x 1536)
Output Video Format:
RAW
Power Input:
802.3af PoE
Power Consumption:
PoE Class 2 (IEEE802.3af) / 6.02 W (IR on)
Data Rate:
10/100Mbps
Features
Video:
Image Setting: - Adjustable image size, quality and bit rate
- Configurable brightness, sharpness, contrast, saturation, white balance and exposure
- AGC/AWB/AES
- Back Light Compensation (BLC)
- 2D Noise Reduction (2DNR)
Streaming: Up to 2 video streams
Performance
Frame Rate (fps):
15 fps at 2048 x 1536; 30 fps at 1920 x 1080; 30 fps at 1280 x 720; 30 fps at 640 x 480; 15 fps at 320 x 240
Minimum illumination:
Color: 0.1 lux
B/W: 0 lux (IR LED on) at F1.8
www.level1.com
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com