Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCS-3053 Datasheet(PDF) 3 Page - Level One

Part # FCS-3053
Description  Fixed Dome IP Network Camera
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FCS-3053 Datasheet(HTML) 3 Page - Level One

  FCS-3053_18 Datasheet HTML 1Page - Level One FCS-3053_18 Datasheet HTML 2Page - Level One FCS-3053_18 Datasheet HTML 3Page - Level One FCS-3053_18 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Environment
Operating Temperature (°C):
Operating: -10°C ~ 50°C
Operating Humidity (Non-condensing):
Operating: 10% ~ 85%
Installation:
Wall/Ceiling Mount
Physical Specifications
Dimensions (W x D x H mm):
128 x 99 x 128
Weight (g):
292 g
Approval and Compliance
EMI/EMS:
CE, RoHS, FCC, ONVIF
Others
Supported Browsers:
Microsoft Windows 8/7/Vista/XP
Diagram
Order Information
FCS-3053
www.level1.com
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com