Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR71825AG-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LR71825AG-S08-R
Description  LOW NOISE DUAL 300mA LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR71825AG-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LR71825AG-S08-R Datasheet HTML 1Page - Unisonic Technologies LR71825AG-S08-R Datasheet HTML 2Page - Unisonic Technologies LR71825AG-S08-R Datasheet HTML 3Page - Unisonic Technologies LR71825AG-S08-R Datasheet HTML 4Page - Unisonic Technologies LR71825AG-S08-R Datasheet HTML 5Page - Unisonic Technologies LR71825AG-S08-R Datasheet HTML 6Page - Unisonic Technologies LR71825AG-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LR7XXYY
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R102-068.b
MARKING INFORMATIONS
VOLTAGE CODE
MARKING
PACKAGE
XX
YY
18: 1.8V
25: 2.5V
SOP-8
18: 1.8V
33: 3.3V
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
CE1
Chip Enable Pin 1
2
GND
Ground Pin
3
CE2
Chip Enable Pin 2
4
NC
No Connection
5
NC
No Connection
6
VOUT2
Output Pin 2
7
VDD
Input Pin
8
VOUT1
Output Pin 1
Notes: 1. Tab is GND level. (They are connected to the reverse side of this IC.)
2. The tab is better to be connected to the GND, but leaving it open is also acceptable.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com