Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR71825AG-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR71825AG-S08-R
Description  LOW NOISE DUAL 300mA LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR71825AG-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR71825AG-S08-R Datasheet HTML 1Page - Unisonic Technologies LR71825AG-S08-R Datasheet HTML 2Page - Unisonic Technologies LR71825AG-S08-R Datasheet HTML 3Page - Unisonic Technologies LR71825AG-S08-R Datasheet HTML 4Page - Unisonic Technologies LR71825AG-S08-R Datasheet HTML 5Page - Unisonic Technologies LR71825AG-S08-R Datasheet HTML 6Page - Unisonic Technologies LR71825AG-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR7XXYY
Advance
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R102-068.b
LOW NOISE DUAL 300mA LDO
DESCRIPTION
The UTC LR7XXYY series are highly accurate, Dual, low noise,
CMOS LDO voltage regulators. Performance features of the series
includes low output noise, high ripple rejection ratio, low dropout
and very fast turn-on times.
The UTC LR7XXYY includes a reference voltage source, error
amplifiers,
driver
transistors,
current
limiters
and
phase
compensators internally. The LR7XXYY current limiters' foldback
circuit also operates as a short protect for the output current limiter.
The UTC LR7XXYY series is also fully compatible with low ESR
ceramic capacitors, reducing cost and improving output stability.
This high level of output stability is maintained even during
frequent load fluctuations, due to the excellent transient response
performance and high PSRR achieved across a broad range of
frequencies. The EN function allows the output of each regulator to
be turned off independently, resulting in greatly reduced power
consumption. The output voltage of these ICs is internally fixed with
high accuracy (1%).
FEATURES
* Supply Current
Typ. 25µA (each channel)
* Standby Current
Typ. 0.1µA (each channel)
* Dropout Voltage
Typ. 0.21V (IOUT=300mA, VOUT=2.8V)
Typ. 0.24V (IOUT=300mA, VOUT=2.5V)
* Ripple Rejection
Typ. 80dB (f=1kHz)
* Temperature-Drift Coefficient of Output Voltage Typ. ±30ppm/°C
* Line Regulation
Typ. 0.02%/V
* Output Voltage Accuracy ±1.0%
* Input Voltage Range
2.5V~5.25V
* Output Voltage Range
1.5V ~3.3V (0.1V steps)
(For details, please refer to MARK
INFORMATIONS.)
* Built-in Fold Back Protection Circuit
Typ. 50mA
* Built-in Auto Discharge Function
B Version
SOP-8
HSOP-8


Similar Part No. - LR71825AG-S08-R

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LR711 SEOUL-LR711 Datasheet
376Kb / 14P
INFRARED LAMP LED
LR711 SEOUL-LR711 Datasheet
360Kb / 13P
CYAN LAMP LED
LR711 SEOUL-LR711 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LR711 SEOUL-LR711 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LR711 SEOUL-LR711 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LR71825AG-S08-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
300mA DUAL LOW NOISE CMOS LDO
logo
Diodes Incorporated
AP139 DIODES-AP139 Datasheet
227Kb / 7P
300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211 Datasheet
365Kb / 9P
300mA Low Noise Dual LDO
logo
RICOH electronics devic...
RP150K RICOH-RP150K Datasheet
811Kb / 28P
LOW NOISE Dual 300mA LDO
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
300mA Low Noise CMOS LDO
logo
Unisonic Technologies
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
LOW NOISE 300mA LDO REGULATOR
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
LOW NOISE Dual 300mA LDO
April 1, 2012
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
LOW NOISE 300mA LDO REGULATOR
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
Low noise 300mA LDO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com