Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR6227G-30-AB5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UR6227G-30-AB5-R
Description  HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR6227G-30-AB5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UR6227G-30-AB5-R Datasheet HTML 1Page - Unisonic Technologies UR6227G-30-AB5-R Datasheet HTML 2Page - Unisonic Technologies UR6227G-30-AB5-R Datasheet HTML 3Page - Unisonic Technologies UR6227G-30-AB5-R Datasheet HTML 4Page - Unisonic Technologies UR6227G-30-AB5-R Datasheet HTML 5Page - Unisonic Technologies UR6227G-30-AB5-R Datasheet HTML 6Page - Unisonic Technologies UR6227G-30-AB5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UR6227
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R102-081.b
700mA HIGH SPEED LDO
REGULATOR WITH REVERSE
CURRENT PROTECTION
DESCRIPTION
The UTC UR6227 operate from a +1.7V ~ +6V input supply as
fast low-dropout linear regulators. Wide output voltage range
options are available. The fast response characteristic to make
UTC UR6227 suitable for low voltage microprocessor application.
The low quiescent current operation and low dropout quality
caused by the CMOS process.
The UTC UR6227 has low dropout voltage. The ground pin
current is typically 100μA. Output Voltage Precision: Multiple
output voltage options are available and ranging from 1.5V~5V at
room temperature with a guaranteed accuracy of ±1.5%, and
±3.0% when varying line and load. With the reverse current
protection unction of a driver transistor, the reverse current flow is
prohibited when VOUT voltage is higher than VIN voltage. For an
example, when a battery is connected to the VOUT pin, battery
current will not flow back to the UTC UR6227.
FEATURES
* The Guaranteed Output Current is 700mA DC
* Low Power Consumption: 100μA
* Dropout Voltage: 120mV @IOUT=300mA (VOUT=3.0V)
* Output Voltage Accuracy ±1.5%
* The reverse current protection
1
SOT-89-5
SOT-25
1
3
5
2
4
ORDERING INFORMATION
Ordering Number
Package
Packing
UR6227G-xx-AB5-R
SOT-89-5
Tape Reel
UR6227G-xx-AF5-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - UR6227G-30-AB5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
UR6225 UTC-UR6225 Datasheet
196Kb / 18P
POSITIVE VOLTAGE REGULATOR
UR6225 UTC-UR6225 Datasheet
467Kb / 15P
POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
UR6225 ETL-UR6225 Datasheet
462Kb / 15P
POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
UR6225 UTC-UR6225 Datasheet
409Kb / 15P
POSITIVE VOLTAGE REGULATOR
More results

Similar Description - UR6227G-30-AB5-R

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Torex Semiconductor
XC6222 TOREX-XC6222 Datasheet
596Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
700mA High Speed LDO Regulator with Reverse Current Protection
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
700mA High Speed LDO Regulator with Reverse Current Protection
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
logo
RICOH electronics devic...
R1163 RICOH-R1163 Datasheet
718Kb / 30P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
April 1, 2012
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
New Japan Radio
NJM2879-H NJRC-NJM2879-H Datasheet
538Kb / 17P
LDO with Reverse Current Protection / Discharge Function
Ver.1.3
logo
Nisshinbo Micro Devices...
R1163X NISSHINBO-R1163X Datasheet
796Kb / 30P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
300mA LDO REGULATOR with the Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com