Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9203PL-25-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR9203PL-25-AF5-R
Description  CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9203PL-25-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR9203PL-25-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9203PL-25-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9203PL-25-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9203PL-25-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9203PL-25-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR9203PL-25-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR9203PL-25-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR9203PL-25-AF5-R Datasheet HTML 8Page - Unisonic Technologies LR9203PL-25-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR9203
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R102-082.b
CL CAPACITOR-LESS 500mA
LOW POWER CONSUMPTION
HIGH SPEED LDO REGULATOR
DESCRIPTION
The UTC LR9203 is a CMOS-based low dropout regulator with
high output voltage accuracy, low dropout, high PSRR and low
quiescent current. The devices can provide stable output voltages
even without a load capacitor CL.
The CL capacitor-less is possible because phase compensation
is carried out internally unlike other LDOs where it is done
externally. Since the output capacitor and noise bypass capacitor
are able to be reduced, so saving the board design space.
When a CL capacitor is used, the IC can discharge the electric
charge stored at the output capacitor through the internal switch
while in standby state, and as a result the VOUT quickly returns to
the VSS level.
FEATURES
* Maximum Output Current: 500mA
* Output Accuracy: ±1.0% (2.0V~5.0V), ±20mV (1.2V~1.95V)
* Output Voltage Range: 1.2V~5.0V (0.05V increments)
* Protection Current: Current Limiter (630mA TYP.), Short-circuit
Protection, Thermal Shutdown
* Dropout Voltage: 190mV @ VOUT=2.8V, IOUT=300mA
* Low Power Consumption: 15μA (TYP.), 0.1μA (in standby)
* High PSRR: 55dB @ 1kHz, VOUT=2.8V
* Operating Ambient Temperature: -40°C~+85°C
* CL Capacitor-Less: Internal Phase Compensation
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LR9203xL-xx-AF5-R
LR9203xG-xx-AF5-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR9203PL-25-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9203PG-XX-AF5-R UTC-LR9203PG-XX-AF5-R Datasheet
236Kb / 9P
LOW POWER CONSUMPTION
More results

Similar Description - LR9203PL-25-AF5-R

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
500mA LOW NOISE LDO REGULATOR
logo
Torex Semiconductor
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501 TOREX-XC6501_1 Datasheet
527Kb / 21P
Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6504 TOREX-XC6504 Datasheet
1Mb / 32P
0.6A Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
XC6503 TOREX-XC6503 Datasheet
812Kb / 26P
CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
XC6505 TOREX-XC6505 Datasheet
793Kb / 24P
Low Power Consumption, High Speed 200mA LDO Regulator - 10.5V Input
logo
Seiko Instruments Inc
S1315 SII-S1315 Datasheet
927Kb / 43P
LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
logo
Jingjing Microelectroni...
EG6501 EGMICRO-EG6501 Datasheet
731Kb / 10P
Low output capacity, low power consumption, high speed LDO voltage regulator
logo
Shenzhen Huazhimei Semi...
HM6215 HMSEMI-HM6215_17 Datasheet
897Kb / 7P
Low Consumption Current High PSRR 500mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com