Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR73 Datasheet(PDF) 1 Page - ams AG

Part # OR73
Description  7-input OR gate with 3x drive strength.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

OR73 Datasheet(HTML) 1 Page - ams AG

  OR73 Datasheet HTML 1Page - ams AG OR73 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OR73 is a 7-input OR gate with 3x drive strength.
Truth Table
D
B
C
E
F
G
A
Q
Capacitance
AB
C
D
E
F
G
Q
Ci (pF)
LLLL
LL
L
L
A
0.046
H
XXX
XX
X
H
B
0.043
X
H
XX
XX
X
H
C
0.048
XX
H
X
XX
X
H
D
0.044
XXX
H
X
X
X
H
E
0.041
XXXX
H
X
X
H
F
0.043
XXXX
X
H
X
H
G
0.048
XXXX
XX
H
H
Area
Power
1.35 mils
2
6.28 µW / MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L)
with L = Output Load [pF]
AC Characteristics :
Tj = 25°C
VDD = 3.3V
Typical Process
AC Characteristics
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.3
L = 2.1
L = 3.0
L = 0.3
L = 2.1
L = 3.0
Delay A to Q
tpdar
0.69
2.12
2.86
0.94
2.38
3.04
tpdaf
0.58
1.56
2.01
0.82
1.77
2.26
Delay B to Q
tpdbr
0.76
2.21
2.87
1.05
2.50
3.23
tpdbf
0.66
1.63
2.08
0.79
1.75
2.25
Delay C to Q
tpdcr
0.87
2.30
2.99
1.10
2.52
3.20
tpdcf
0.67
1.65
2.12
0.77
1.73
2.23
Delay D to Q
tpddr
0.66
2.13
2.84
0.92
2.38
3.02
tpddf
0.70
1.75
2.20
0.94
1.98
2.44
Delay E to Q
tpder
0.74
2.21
2.89
1.00
2.43
3.23
tpdef
0.82
1.87
2.32
0.97
2.01
2.47
Delay F to Q
tpdfr
0.80
2.32
2.97
1.07
2.57
3.27
tpdff
0.88
1.91
2.38
0.98
2.03
2.48
Delay G to Q
tpdgr
0.86
2.35
3.04
1.13
2.60
3.36
tpdgf
0.89
1.92
2.38
0.96
2.00
2.47
Output Slope A to Q
op_slar
1.02
5.30
7.28
1.03
5.23
7.32
op_slaf
0.68
3.51
4.76
0.67
3.53
4.85
Sept. 1996
- 355 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
OR73
OR73


Similar Part No. - OR73

ManufacturerPart #DatasheetDescription
logo
Trumeter Technologies
OR7-4916A TRUMETER-OR7-4916A Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
OR7-4916B TRUMETER-OR7-4916B Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
OR7-4916C TRUMETER-OR7-4916C Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
OR7-4916D TRUMETER-OR7-4916D Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
OR7-4916E TRUMETER-OR7-4916E Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
More results

Similar Description - OR73

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AND6 ETC-AND6 Datasheet
12Kb / 2P
6-input AND gate with 1x drive strength
logo
ams AG
NA53 AMSCO-NA53 Datasheet
9Kb / 1P
NA53 is a 5-input NAND gate with 3x drive strength
OR62 AMSCO-OR62 Datasheet
13Kb / 2P
OR62 is a 6-input OR gate with 2x drive strength
EO12 AMSCO-EO12 Datasheet
9Kb / 1P
EO12 is a 2-input EXCLUSIVE-OR (XOR) gate with 2x drive strength
NA72 AMSCO-NA72 Datasheet
13Kb / 2P
NA72 is a 7-input NAND gate with 2x drive strength
OR22 AMSCO-OR22 Datasheet
8Kb / 1P
2-input OR gate with 2x drive strength
INA22 AMSCO-INA22 Datasheet
10Kb / 1P
2-input NAND gate with one inverted input 2x drive strength
logo
List of Unclassifed Man...
EN13 ETC-EN13 Datasheet
10Kb / 1P
EN13 is a 2-input EXCLUSIVE-NOR (XNOR) gate with 3x drive strength.
logo
ams AG
OR2 AMSCO-OR2 Datasheet
12Kb / 1P
2-input OR gate with 1x drive strength
AND52 AMSCO-AND52 Datasheet
12Kb / 1P
5-input AND gate with 2x drive strength.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com