Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR73 Datasheet(PDF) 2 Page - ams AG

Part # OR73
Description  7-input OR gate with 3x drive strength.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

OR73 Datasheet(HTML) 2 Page - ams AG

  OR73 Datasheet HTML 1Page - ams AG OR73 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.3
L = 2.1
L = 3.0
L = 0.3
L = 2.1
L = 3.0
Output Slope B to Q
op_slbr
1.03
5.26
7.32
1.05
5.26
7.37
op_slbf
0.70
3.42
4.87
0.71
3.52
4.88
Output Slope C to Q
op_slcr
1.03
5.26
7.26
1.07
5.20
7.36
op_slcf
0.67
3.52
4.80
0.66
3.46
4.85
Output Slope D to Q
op_sldr
1.01
5.45
8.03
0.96
5.45
7.96
op_sldf
0.80
3.52
5.01
0.81
3.52
5.01
Output Slope E to Q
op_sler
1.01
5.51
8.00
1.01
5.62
7.83
op_slef
0.82
3.53
5.02
0.82
3.61
4.82
Output Slope F to Q
op_slfr
1.03
5.51
8.02
1.00
5.57
7.93
op_slff
0.82
3.60
4.87
0.82
3.56
4.85
Output Slope G to Q
op_slgr
1.03
5.56
7.91
1.03
5.66
7.80
op_slgf
0.82
3.53
4.80
0.80
3.55
4.90
Sept. 1996
- 356 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
OR73



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com