Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIP24 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PDIP24
Description  POWER DIP 24 2022 leads
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PDIP24 Datasheet(HTML) 1 Page - STMicroelectronics

  PDIP24 Datasheet HTML 1Page - STMicroelectronics PDIP24 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER DIP 24
20+2+2 leads
PACKAGE MATERIAL LIST
Thermal Data
24 leads
November 2000
1/2
Charts enclosed :
1) Rth(j-a) vs on board heat sink
2) Zth(j-a) vs time width
item #
material
thickness
thermal
conductivity
leadframe
copper
0.25 mm
2.6 W/cm°C
die attach
epoxy glue
(silver filled)
15-50 µm
0.01 W/cm°C
molding
compound
epoxy resin
3 mm
0.0063W/cm°C


Similar Part No. - PDIP24

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
PDIP2100T5X BANNER-PDIP2100T5X Datasheet
15Mb / 42P
Fiber Optic Systems
PDIP2100TMB5X BANNER-PDIP2100TMB5X Datasheet
15Mb / 42P
Fiber Optic Systems
PDIP2100UCX BANNER-PDIP2100UCX Datasheet
15Mb / 42P
Fiber Optic Systems
PDIP2100UHFX BANNER-PDIP2100UHFX Datasheet
15Mb / 42P
Fiber Optic Systems
PDIP2100UX BANNER-PDIP2100UX Datasheet
15Mb / 42P
Fiber Optic Systems
More results

Similar Description - PDIP24

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8334 TRIQUINT-TGA8334 Datasheet
580Kb / 7P
2 - 20 GHz Power Amplifier
logo
Minmax Technology Co., ...
MIW1000 MINMAX-MIW1000_12 Datasheet
290Kb / 4P
DC/DC CONVERTER 2-3W, DIP-24 Plastic Package
logo
ACCUTEK MICROCIRCUIT CO...
AK20D300-NWSO ACCUTEK-AK20D300-NWSO_13 Datasheet
1Mb / 6P
20 Pin to 24 DIP Adpaters
logo
List of Unclassifed Man...
12BH121A-GR ETC2-12BH121A-GR Datasheet
84Kb / 1P
2 D Battery Holder with Leads
12BH125-GR ETC2-12BH125-GR Datasheet
81Kb / 1P
2 D Battery Holder with Leads
12BH324A-GR ETC2-12BH324A-GR Datasheet
86Kb / 2P
2 AA Battery Holder with Leads
12BH425-GR ETC2-12BH425-GR Datasheet
77Kb / 1P
2 AAA Battery Holder with Leads
logo
Marktech Corporate
MT2030 MARKTECH-MT2030 Datasheet
280Kb / 6P
ROUND BI-POLAR LAMP (2 LEADS)
logo
TriQuint Semiconductor
TGA8334-SCC TRIQUINT-TGA8334-SCC_15 Datasheet
324Kb / 12P
2 - 20 GHz Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-381Z AVAGO-HSMP-381Z Datasheet
168Kb / 5P
2 Leads Surface Mount Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com