Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIP24 Datasheet(PDF) 2 Page - STMicroelectronics

Part # PDIP24
Description  POWER DIP 24 2022 leads
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PDIP24 Datasheet(HTML) 2 Page - STMicroelectronics

  PDIP24 Datasheet HTML 1Page - STMicroelectronics PDIP24 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
Thermal Data
POWER DIP 20+2+2
1)
2)
0
123
45
25
30
35
40
45
50
55
60
side l ( cm ) on PCB heat sink
Rth(j-c) (ºC/W)
die pad = 152x160 sq.mils
die size = 120x130 sq.mils
Pd = 2 Watt
on board copper area thickness :
35 µm
70 µm
105 µm
Test board with two " on board "
square heat sink versus side l
l
0.001
0.01
0.1
1
10
100
1,000
1
10
50
Time or pulse width ( s )
Transient Thermal Resistance (ºC/W)
SINGLE PULSE
Pd = 2 Watt, mounted on board
die size = 120x130 sq.mils
dissipating area = 2.000 sq.mils
A
B
C
A = 35 µm thick, no heat sink
B = 35 µm thick 4x4 sq.cm on board Cu area
C = 105 µm thick 4x4 sq.cm on board Cu area



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com