Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPKC2SB Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MPKC2SB
Description  600V FRD Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MPKC2SB Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MPKC2SB Datasheet HTML 1Page - MagnaChip Semiconductor. MPKC2SB Datasheet HTML 2Page - MagnaChip Semiconductor. MPKC2SB Datasheet HTML 3Page - MagnaChip Semiconductor. MPKC2SB Datasheet HTML 4Page - MagnaChip Semiconductor. MPKC2SB Datasheet HTML 5Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Mar. 2013.Version 2.0
MagnaChip Semiconductor Ltd.
2
Electrical Characteristics @Tc = 25oC(unless otherwise specified)
Characteristics
Conditions
Symbol
Min.
Typ.
Max.
Unit
Cathode Anode Breakdown Voltage
IR=100uA
VR
600
-
-
V
Diode Maximum Forward Voltage
IF=150A
TC=25℃
VFM
-
1.45
1.8
V
TC=100℃
-
1.35
-
Diode Peak ReverseRecovery Current
Tc=100℃,
VRRM applied
TC=100℃
IRRM
-
-
1.0
mA
Diode Reverse Recovery Time
IF =1A,VR=30V
di/dt = -300A/uS
TC=25℃
trr
-
40
55
ns
Diode Reverse Recovery Time
IF =150A,VR=300V
di/dt = -300A/uS
TC=25℃
trr
-
110
140
ns
TC=100℃
-
180
-
Thermal Characteristics
Characteristics
Conditions
Symbol
Min.
Typ.
Max.
Unit
Thermal Resistance(Isolation Type)
Junction to Case
Rth(j-c)
-
-
0.24
℃/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com