Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPKC2SB Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MPKC2SB
Description  600V FRD Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MPKC2SB Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MPKC2SB Datasheet HTML 1Page - MagnaChip Semiconductor. MPKC2SB Datasheet HTML 2Page - MagnaChip Semiconductor. MPKC2SB Datasheet HTML 3Page - MagnaChip Semiconductor. MPKC2SB Datasheet HTML 4Page - MagnaChip Semiconductor. MPKC2SB Datasheet HTML 5Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Mar. 2013.Version 2.0
MagnaChip Semiconductor Ltd.
3
Fig.1 Typical Forward Voltage Drop
vs. Instantaneous Forward Current
Fig.2 Typical Reverse Recovery Time
Vs.
–di/dt
Fig.3 Transient Thermal Impedance(Zthjc)
Characteristics
Fig.4 Forward Current Derating Curve
0.0
0.5
1.0
1.5
2.0
2.5
0
50
100
150
200
250
300
T
C=25
℃
T
C=125
℃
Forward Voltage Drop,V
F[V]
100
200
300
400
500
0
30
60
90
120
150
di/dt[A/us]
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
300
350
400
DC
Case Temperatute, Tc[℃]
1E-5
1E-4
1E-3
0.01
0.1
1
10
1E-4
1E-3
0.01
0.1
1
T
C=25
℃
Rectangular Pulse Duration Time[sec]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com