Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPKB2SA Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MPKB2SA
Description  400V FRD Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MPKB2SA Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MPKB2SA Datasheet HTML 1Page - MagnaChip Semiconductor. MPKB2SA Datasheet HTML 2Page - MagnaChip Semiconductor. MPKB2SA Datasheet HTML 3Page - MagnaChip Semiconductor. MPKB2SA Datasheet HTML 4Page - MagnaChip Semiconductor. MPKB2SA Datasheet HTML 5Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Mar. 2013 .Version 2.0
MagnaChip Semiconductor Ltd.
3
Fig.1 Typical Forward Voltage Drop
vs. Instantaneous Forward Current
Fig.2 Typical Reverse Recovery Time
Vs.
–di/dt
Fig.3Transient Thermal Impedance(Zthjc)
Characteristics
Fig.4Forward Current Derating Curve
1E-5
1E-4
1E-3
0.01
0.1
1
10
1E-4
1E-3
0.01
0.1
1
T
C=25
Rectangular Pulse Duration Time[sec]
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
DC
Case Temperatute, Tc[]
0.0
0.5
1.0
1.5
0
50
100
150
200
250
300
T
C=25
T
C=125
Forward Voltage Drop,V
F[V]
200
400
600
0
25
50
75
100
di/dt[A/us]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com