Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPKB2SA Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MPKB2SA
Description  400V FRD Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MPKB2SA Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MPKB2SA Datasheet HTML 1Page - MagnaChip Semiconductor. MPKB2SA Datasheet HTML 2Page - MagnaChip Semiconductor. MPKB2SA Datasheet HTML 3Page - MagnaChip Semiconductor. MPKB2SA Datasheet HTML 4Page - MagnaChip Semiconductor. MPKB2SA Datasheet HTML 5Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Mar. 2013 .Version 2.0
MagnaChip Semiconductor Ltd.
1
Absolute Maximum Ratings @Tc = 25oC (Per Leg)
Characteristics
Conditions
Symbol
Rating
Unit
Repetitive Peak Reverse Voltage
VRRM
400
V
Reverse DC Voltage
VR(DC)
320
V
Average Forward
Current
TC=25
oC
Resistive Load
IF(AV)
200
A
TC=100
oC
100
A
Surge(non-repetitive) Forward
Current
One Half Cycle at 60Hz,
Peak Value
IFSM
2000
A
I
2t for Fusing
Value for One Cycle Current,
tw = 8.3ms, Tj= 25℃ Start
I
2t
16.7* 10
3
A
2s
Junction Temperature
TJ
-40 ~ 150
℃
Maximum Power Dissipation
PD
390
W
Isolation Voltage
@AC 1 minutes
Visol
2500
V
Storage Temperature
Tstg
-40 ~ 125
℃
Mounting Torque(M6)
-
4.0
N.m
Terminal Torque(M5)
Typical Including Screws
-
2.0
N.m
Weight
-
120
g
Product
Name
MPKB2SA100U40
MPKB2CA100U40
Optional
Information
Side Common
Center Common
MPKB2SA/CA100U40
400V FRD Module
General Description
Ultra-FRD module devices are optimized to reduce losses
and EMI/RFI in high frequency power conditioning electrical
systems.
These diode modules are ideally suited for power converters,
motors drives and other applications where switching losses
are significant portion of the total losses.
Features
 Repetitive Reverse Voltage : VRRM= 400V
 Low Forward Voltage : VF(typ.) = 1.0V
 Average Forward Current : IF(Av.)=100A @TC=100℃
 Ultra-Fast Reverse Recovery Time : trr(typ.) = 35ns
 Extensive Characterization of Recovery Parameters
 Reduced EMI and RFI
 Isolation Type Package
Applications
 High Speed & High Power converters, Welders
 Various Switching and Telecommunication Power Supply
5DM-1
E301932
Ordering Information


Similar Part No. - MPKB2SA

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MPKB2SA75U120 MGCHIP-MPKB2SA75U120 Datasheet
618Kb / 5P
1200V FRD Module
More results

Similar Description - MPKB2SA

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC50F4 NIEC-PC50F4 Datasheet
29Kb / 2P
FRD MODULE 50A/400V/TRR:80NSEC
10DRA40 NIEC-10DRA40 Datasheet
58Kb / 5P
FRD - 1A 400V 120ns
15KRA40 NIEC-15KRA40 Datasheet
63Kb / 5P
FRD - 1.5A 400V 160ns
P2H30F4 NIEC-P2H30F4 Datasheet
154Kb / 3P
FRD MODULE 30A/400V
P2H60F4 NIEC-P2H60F4 Datasheet
155Kb / 3P
FRD MODULE 60A/400V
P2H80F4 NIEC-P2H80F4 Datasheet
155Kb / 3P
FRD MODULE 80A/400V
PD50F4 NIEC-PD50F4 Datasheet
29Kb / 2P
FRD MODULE - 50A/400V/trr:80nsec
logo
MagnaChip Semiconductor...
MPSC2N100U40 MGCHIP-MPSC2N100U40 Datasheet
647Kb / 5P
400V FRD Module
MPKC2SA MGCHIP-MPKC2SA Datasheet
638Kb / 5P
400V FRD Module
MPGB1N300U40 MGCHIP-MPGB1N300U40 Datasheet
627Kb / 5P
400V FRD Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com