Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CVF857NF Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6CVF857NF
Description  1:10 PLL Clock Driver for 2.5V DDR-SDRAM Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CVF857NF Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6CVF857NF Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
PS8683B
10/17/03
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CVF857
1:10 PLL Clock Driver for
2.5V DDR-SDRAM Memory
VDDQ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
35
36
34
33
32
31
30
29
28
27
26
25
FBOUT
GND
GND
GND
FBIN
FBIN
PWRD WN
GND
GND
Y9
Y8
Y8
FBOUT
Y7
Y7
Y6
Y6
Y5
Y5
Y9
GND
GND
GND
Y0
Y0
Y1
Y1
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
GND
CLK
CLK
Y2
Y2
GND
Y3
Y3
Y4
Y4
AG N D
AV DD
48-Pin
A
Pin Configuration TSSOP ( A)
PinConfigurationQFN(ZD)
GND
Y2
Y2
VDDQ
CLK
CLK
VDDQ
AVDD
AGND
GND
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
Y7
Y7
VDDQ
PWRDWN
FBIN
FBIN
VDDQ
VDDQ
FBOUT
FBOUT
12
11
13 14 15 16 17 18 19 20
40 39 38 37 36 35 34 33 32 31
GND
Ball Configuration VFBGA (NF)
A
B
C
D
E
F
G
H
J
K
1
2
3
4
5
6
NO CONNECT on C3, C4, D3, D4,
G3, G4, H3 and H4
1
234
5
6
A
0
Y0
YD
N
GD
N
G5
Y5
Y
B
1
Y1
YQ
D
D
VQ
D
D
V6
Y6
Y
C
D
N
GD
N
GC
NC
ND
N
GD
N
G
D
2
Y2
YC
NC
N7
Y7
Y
E
Q
D
D
VQ
D
D
VB
NB
NQ
D
D
VN
W
D
R
W
P
F
K
L
CK
L
CB
NB
NN
I
B
FN
I
B
F
G
Q
D
D
VD
D
V
AC
NC
NT
U
O
B
FQ
D
D
V
H
D
N
G
AD
N
GC
NC
ND
N
GT
U
O
B
F
J
3
Y3
YQ
D
D
VQ
D
D
V8
Y8
Y
K
4
Y4
YD
N
GD
N
G9
Y9
Y
BallConfiguration
Notes:
NC = No Contact
NB = No Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com