Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CVF857NF Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6CVF857NF
Description  1:10 PLL Clock Driver for 2.5V DDR-SDRAM Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CVF857NF Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6CVF857NF Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
PS8683B
10/17/03
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CVF857
1:10 PLL Clock Driver for
2.5V DDR-SDRAM Memory
FunctionTable
s
t
u
p
n
Is
t
u
p
t
u
OL
L
P
V
A D
D
N
W
D
R
W
PK
L
CK
L
CY
Y
T
U
O
B
FT
U
O
B
F
D
N
GH
L
H
L
H
L
H
f
f
o
/
d
e
s
s
a
p
y
B
D
N
GH
H
L
H
L
H
L
f
f
o
/
d
e
s
s
a
p
y
B
XL
L
H
Z
Z
Z
Z
f
f
o
XL
H
L
Z
Z
Z
Z
f
f
o
l
a
n
i
m
o
N
)
2
(
HL
H
L
H
L
H
n
o
l
a
n
i
m
o
N
)
2
(
HH
L
H
L
H
L
n
o
l
a
n
i
m
o
N
)
2
(
Xz
H
M
0
2
<
)
1
(
ZZ
Z
Z
f
f
o
Notes:
1. For testing and power saving purposes, PI6CVF857 will power down if the frequency of the reference inputs CLK, CLK is well below the
operating frequency range. The maximum power down clock frequency is below 20 MHz. For example, PI6CVF857 will be powered down when
the CLK,CLK stop running.
2. AVDD Nominal is 2.5V for PC1600, PC2100, and PC2700. AVDD Nominal is 2.6V for PC3200.
Z = High impedance
X = Don’t care
e
m
a
N
n
i
Pn
o
i
t
p
i
r
c
s
e
D
K
L
C
K
L
C
t
u
p
n
i
k
c
o
l
C
e
c
n
e
r
e
f
e
R
x
Y.
s
t
u
p
t
u
o
k
c
o
l
C
x
Y.
s
t
u
p
t
u
o
k
c
o
l
C
t
n
e
m
e
l
p
m
o
C
T
U
O
B
F
T
U
O
B
F
t
u
p
t
u
O
k
c
a
b
d
e
e
F
t
n
e
m
e
l
p
m
o
C
d
n
a
,t
u
p
t
u
o
k
c
a
b
d
e
e
F
N
I
B
F
N
I
B
F
t
u
p
n
I
k
c
a
b
d
e
e
F
t
n
e
m
e
l
p
m
o
C
d
n
a
,t
u
p
n
I
k
c
a
b
d
e
e
F
N
W
D
R
W
P
d
n
a
n
w
o
d
d
e
r
e
w
o
p
s
i
t
r
a
p
e
h
t
,
0
=
N
W
D
R
W
P
n
e
h
W
.
s
t
u
p
t
u
o
x
Y
d
n
a
x
Y
ll
a
r
o
f
e
l
b
a
s
i
d
t
u
p
t
u
o
d
n
a
n
w
o
d
r
e
w
o
P
e
r
a
s
t
u
p
t
u
o
k
c
o
l
c
l
a
it
n
e
r
e
f
fi
d
ll
a
,
1
=
N
W
D
R
W
P
n
e
h
W
.
e
t
a
t
s
-
a
o
t
d
e
l
b
a
s
i
d
e
r
a
s
t
u
p
t
u
o
k
c
o
l
c
l
a
it
n
e
r
e
f
fi
d
e
h
t
.
K
L
C
s
a
y
c
n
e
u
q
e
r
f
e
m
a
s
e
h
t
t
a
n
u
r
d
n
a
d
e
l
b
a
n
e
V Q
D
D
.
O
/
I
r
o
f
y
l
p
p
u
S
r
e
w
o
P
V
A D
D
V
A
.
y
l
p
p
u
s
r
e
w
o
p
e
r
o
c
/
g
o
l
a
n
A
D
D
V
A
n
e
h
W
.
s
e
s
o
p
r
u
p
g
n
it
s
e
t
r
o
f
L
L
P
e
h
t
s
s
a
p
y
b
o
t
d
e
s
u
e
b
n
a
c
D
D
o
t
d
e
p
p
a
r
t
s
s
i
.
s
t
u
p
t
u
o
e
c
i
v
e
d
e
h
t
o
t
y
lt
c
e
ri
d
d
e
r
e
f
f
u
b
s
i
K
L
C
d
n
a
d
e
s
s
a
p
y
b
s
i
L
L
P
,
d
n
u
o
r
g
D
N
G
A
y
r
ti
u
c
ri
c
e
r
o
c
/
g
o
l
a
n
a
e
h
t
r
o
f
e
c
n
e
r
e
f
e
r
d
n
u
o
r
g
e
h
t
s
e
d
i
v
o
r
P
.
d
n
u
o
r
g
e
r
o
c
/
g
o
l
a
n
A
D
N
Gd
n
u
o
r
G
PinoutTable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com