Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5A4597ACEX Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5A4597ACEX
Description  SOTINY Low-Voltage, Single-Supply, 8-Ohm SPST CMOS Analog Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4597ACEX Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5A4597ACEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4597ACEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4597ACEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4597ACEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4597ACEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4597ACEX Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PS8578C
01/05/05
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A4594A/4595A/4596A/4597A
SOTINY Low-Voltage, Single-Supply,
8-Ohm SPST CMOS Analog Switches
50
Ω
VIN
PI5A4594A
PI5A4595A
PI5A4596A
PI5A4597A
NO
or
NC
COM
V+
VOUT
PI5A4594,
PI5A4596
V+
0
VIN
VOUT
PI5A4595,
PI5A4597
∆VOUT
IN
VNO or VNC = 0
CL
1000pF
VOUT is the Measured Voltage due to Charge Transfer
Error Q when the Channel Turns Off.
Q =
∆VOUT x CL
Test Circuits/Timing Diagrams
Figure 2. Charge Injection
Applications Information
Analog Signal Levels
Analog signals can range over the supply voltage (V+ to GND) with ON-resistance changing very little over the entire range. The
PI5A4594A–PI5A4597A are bidirectional, so the NO, NC, and COM pins can be used either as inputs or outputs.
50
Ω
VIN
PI5A4594A
PI5A4596A
NO
COM
V+
VOUT
V+
0
0
90%
90%
50%
VIN
VOUT
tOFF
tr ≤ 5ns
tf ≤ 5ns
tON
IN
VNO
CL
35pF
RL
300
Ω
50
Ω
VIN
PI5A4595A
PI5A4597A
NC
COM
V+
VOUT
V+
0
0
90%
90%
50%
VIN
VOUT
tON
tOFF
IN
VNC
CL
35pF
RL
300
Ω
Figure 3. Switching Times



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com