Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5A4597ACEX Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5A4597ACEX
Description  SOTINY Low-Voltage, Single-Supply, 8-Ohm SPST CMOS Analog Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4597ACEX Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5A4597ACEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4597ACEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4597ACEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4597ACEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4597ACEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4597ACEX Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PS8578C
01/05/05
123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123
PI5A4594A/4595A/4596A/4597A
SOTINY Low-Voltage, Single-Supply,
8-Ohm SPST CMOS Analog Switches
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
n
o
i
t
c
e
j
n
I
e
g
r
a
h
C
)
5
(
QV O
N
V
r
o
C
N
C
,
0
=
L
2
.
g
i
F
,
F
n
1
=TA
C
°
5
2
+
=2
5
C
p
n
o
i
t
a
l
o
s
I
f
f
O
)
6
(
V O
S
I
V O
N
V
r
o
C
N
V
1
=
S
M
R
,
RL
,
s
m
h
o
0
5
=
CL
4
.
g
i
F
,
z
H
M
1
=
f
,
F
p
5
=
TA
C
°
5
2
+
=
/
4
9
5
4
A
5
I
P
5
9
5
4
A
5
I
P
0
8
B
d
/
6
9
5
4
A
5
I
P
7
9
5
4
A
5
I
P
3
8
C
N
r
o
O
N
e
c
n
a
t
i
c
a
p
a
C
f
f
O
C
)
F
F
O
(
O
N
,
C
)
F
F
O
(
C
N
V O
N
V
r
o
C
N
,
0
=
f5
.
g
i
F
,
z
H
M
1
=
TA
C
°
5
2
+
=8
F
p
e
c
n
a
t
i
c
a
p
a
C
f
f
O
M
O
CC
)
F
F
O
(
M
O
C
V
M
O
C
5
.
g
i
F
,
z
H
M
1
=
f
,
V
0
=TA
C
°
5
2
+
=8
e
c
n
a
t
i
c
a
p
a
C
n
O
M
O
CC
)
N
O
(
M
O
C
V
M
O
C
5
.
g
i
F
,
z
H
M
1
=
f
,
V
0
=TA
C
°
5
2
+
=0
2
c
i
n
o
m
r
a
H
l
a
t
o
T
e
s
i
o
N
s
u
l
P
n
o
i
t
r
o
t
s
i
D
D
H
T
R
,
p
-
p
V
5
=
V
L
,
s
m
h
o
0
0
6
=
z
H
k
0
2
o
t
z
H
0
2
=
f
TA
C
°
5
2
+
=5
0
.
0%
y
l
p
p
u
S
r
e
w
o
P
e
g
n
a
R
y
l
p
p
u
S
-
r
e
w
o
P
+
V0
.
2
5
.
5
V
t
n
e
r
r
u
C
y
l
p
p
u
S
+
V+
IV
,
V
5
.
5
=
+
V
N
I
+
V
r
o
0
=TA
T
=
N
I
M
T
o
t
X
A
M
1
A
µ
Electrical Characteristic - +5VSupply (continued) – (Typical values are at V+ = +5V, TA = +25°C.) (2,3)
(V+ = +4.5V to +5.5V, VIH = +2.4V, VIL = +0.8V, TA = TMIN to TMIX, unless otherwise noted.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
h
c
t
i
w
S
g
o
l
a
n
A
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
)
3
(
V
M
O
C
V
,
O
N
V
,
C
N
0+
VV
e
c
n
a
t
s
i
s
e
R
-
n
OR N
O
V O
N
V
r
o
C
N
,
V
5
.
1
=
I
M
O
C
V
7
.
2
=
+
V
,
A
m
0
1
=
TA
C
°
5
2
+
=5
1
Ω
TA
T
=
N
I
M
T
o
t
X
A
M
0
2
O
/
I
l
a
t
i
g
i
D
h
g
i
H
c
i
g
o
L
t
u
n
IV H
I
0
.
2
V
w
o
L
c
i
g
o
L
t
u
p
n
IV L
I
8
.
0
t
n
e
r
r
u
C
c
i
g
o
L
t
u
p
n
II H
I
I
, L
I
V N
I
0
,
+
V
=1
–3
0
.
01
A
µ
c
i
m
a
n
y
D
e
m
i
T
n
O
-
n
r
u
Tt N
O
V O
N
V
r
o
C
N
,
V
2
=
RL
0
0
3
=
Ω C
,
L
3
.
g
i
F
,
F
p
5
3
=
TA
C
°
5
2
+
=5
25
4
s
n
TA
T
=
N
I
M
T
o
t
X
A
M
5
5
e
m
i
T
f
f
O
-
n
r
u
Tt
F
F
O
V O
N
V
r
o
C
N
,
V
2
=
RL
0
0
3
=
Ω C
,
L
3
.
g
i
F
,
F
p
5
3
=
TA
C
°
5
2
+
=0
30
5
TA
T
=
N
I
M
T
o
t
X
A
M
0
6
n
o
i
t
c
e
j
n
I
e
g
r
a
h
C
)
5
(
QV O
N
V
r
o
C
N
C
,
0
=
L
2
.
g
i
F
,
F
n
1
=TA
C
°
5
2
+
=2
4
C
p
y
l
p
p
u
S
r
e
w
o
P
t
n
e
r
r
u
C
y
l
p
p
u
S
+
V+
IV
,
6
.
3
=
+
V
N
I
+
V
r
o
0
=TA
T
=
N
I
M
T
o
t
X
A
M
1A
µ
Electrical Characteristics-Single 3V Supply (V+ = +3V±10%,V– =0V,GND = 0V, VAH= VIH = +2.0V, VAL= VIH = +0.5V)
Notes:
2. Parameters are 100% tested at +25°C only, and guaranteed by correlation at the full-rated temperature.
3. Algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
4. Flatness: the difference between maximum & minimum values of ON-resistance measured over specified analog signal ranges.
5. Guaranteed by design.
6. Off-Isolation = 20log10 (VCOM / VNO), VCOM = output, VNO = input to off switch.
0.2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com