Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL Datasheet(PDF) 2 Page - AVX Corporation

Part # GL
Description  Communication Customers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

GL Datasheet(HTML) 2 Page - AVX Corporation

  GL_13 Datasheet HTML 1Page - AVX Corporation GL_13 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GL Series
Ultra Broad Band Inductor
HOW TO ORDER
GL
Style
6R0
Inductance
First 2 significant
digits for inductance
K
Tolerance
K = ± 10%
A
Failure Rate
7
Termination
7 = 15-25µ in.,
Gold Plate
B
Packaging
B = 1 piece in
plastic box
AVAILABLE PART
NUMBERS
GL2R0KA7B250
GL6R0KA7B200
GL110KA7B115
TEST PARAMETERS:
All testing performed on 10 mil thick Rogers RO4350 microstrip board, with the GL Leads connected between the microstrip
trace and the underside ground plane (nominal 50 ohm characteristic impedance)
GL2R0KA7B250
GL6R0KA7B200
GL110KA7B115



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com