Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL Datasheet(PDF) 1 Page - AVX Corporation

Part # GL
Description  Communication Customers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

GL Datasheet(HTML) 1 Page - AVX Corporation

  GL_13 Datasheet HTML 1Page - AVX Corporation GL_13 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The GL Series was developed specifically to deliver repeatable
and reliable Ultra Broad Band performance up through 40 +
GHz. The GL Series of inductors provide Ultra-Low Insertion
loss, excellent return loss and extreme part to part performance
repeatability. The pyramid shape of the GL Series provides for
maximum inductance in the space available. The GL Series was
developed using a powdered iron core and gold plated
terminations that allow for easy use in hand solder applications.
The combination of Flat Frequency Response with the Ultra-Low
Insertion loss makes this an ideal component for optical data
systems, transimpedance amplifers and test equipment.
GL Series
Ultra Broad Band Inductor
ADVANTAGES
• Ultra Broad Band Performance
• Ultra-Low Insertion Loss
• Excellent Return Loss Through 40 GHz
• Flat Frequency Response
• Part to Part Performance Repeatability
• Rugged Powdered Iron Core
APPLICATIONS
• Communication Customers
• Receiver Optical Sub-Assemblies
• Transimpedance Amplifier Customers
• Test Equipment Manufacturers
MECHANICAL SPECIFICATIONS
inches (mm)
Inductance (μH)
L
H
# of Turns
2
0.102 ± 0.002 (2.59 ± 0.051)
0.065 ± 0.002 (1.65 ± 0.051)
46 Turns #44 AWG Cu
6
0.182 ± 0.003 (4.62 ± 0.076)
0.073 ± 0.002 (1.85 ± 0.051)
80 Turns #44 AWG Cu
11
0.182 ± 0.003 (4.62 ± 0.076)
0.072 ± 0.002 (1.83 ± 0.051)
110 Turns #47 AWG Cu
ELECTRICAL SPECIFICATIONS
Operating
Insertion
Return
Rdc (Ω) @ 20ºC,
IDC (mA),
Number of
Cu Wire Size
Inductance (μH)
Frequency
Loss
Loss
10 mA current
dc max.
Turns
(AWG)
Range
2
2.3 MHz to 40 GHz
0.5 dB typ.
17 dB typ.
1.45
250
46
44
6
880 KHz to 40 GHz
0.6 dB typ.
18 dB typ.
2.90
200
80
44
11
500 KHz to 40 GHz
0.4 dB typ.
18 dB typ.
7.00
115
110
47
Operating Temperature: -55ºC to + 125ºC
L
H


Similar Part No. - GL_13

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL2136 GTM-GL2136 Datasheet
331Kb / 4P
CMOS POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
GL2136 ETL-GL2136 Datasheet
336Kb / 4P
C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GL2136-13 ETL-GL2136-13 Datasheet
336Kb / 4P
C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GL2136-18 ETL-GL2136-18 Datasheet
336Kb / 4P
C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GL2136-27 ETL-GL2136-27 Datasheet
336Kb / 4P
C M O S P o s i t i v e V o l t a g e R e g u l a t o r
More results

Similar Description - GL_13

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
SX21V001-Z4A HITACHI-SX21V001-Z4A Datasheet
955Kb / 31P
CUSTOMERS ACCEPTANCE SPECIFICATIONS SX21V001-Z4A
SP06Q002-T HITACHI-SP06Q002-T Datasheet
515Kb / 22P
CUSTOMERS ACCEPTANCE SPECIFICATIONS
logo
Vectron International, ...
CO-402 VECTRON-CO-402 Datasheet
69Kb / 3P
Helping Customers Innovate, Improve & Grow
CO-408 VECTRON-CO-408 Datasheet
65Kb / 3P
Helping Customers Innovate, Improve & Grow
CO-431 VECTRON-CO-431 Datasheet
67Kb / 2P
Helping Customers Innovate, Improve & Grow
CO-437 VECTRON-CO-437 Datasheet
61Kb / 3P
Helping Customers Innovate, Improve & Grow
CO-442 VECTRON-CO-442 Datasheet
65Kb / 2P
Helping Customers Innovate, Improve & Grow
CO-447 VECTRON-CO-447 Datasheet
60Kb / 2P
Helping Customers Innovate, Improve & Grow
logo
Hitachi Metals, Ltd
SX14Q004 HITACHI-METALS-SX14Q004 Datasheet
827Kb / 27P
CUSTOMERS ACCEPTANCE SPECIFICATIONS
logo
Vectron International, ...
VX-501-0275-491M52 VECTRON-VX-501-0275-491M52 Datasheet
515Kb / 5P
Helping Customers Innovate, Improve & Grow
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com