Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S03RPM Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1S03RPM
Description  1.5A, 1.5 MHZ ADJUSTABLE, STEP-DOWN SWITCHING REGULATOR IN DFN6
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S03RPM Datasheet(HTML) 1 Page - STMicroelectronics

  ST1S03RPM Datasheet HTML 1Page - STMicroelectronics ST1S03RPM Datasheet HTML 2Page - STMicroelectronics ST1S03RPM Datasheet HTML 3Page - STMicroelectronics ST1S03RPM Datasheet HTML 4Page - STMicroelectronics ST1S03RPM Datasheet HTML 5Page - STMicroelectronics ST1S03RPM Datasheet HTML 6Page - STMicroelectronics ST1S03RPM Datasheet HTML 7Page - STMicroelectronics ST1S03RPM Datasheet HTML 8Page - STMicroelectronics ST1S03RPM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
March 2005
I
STEP-DOWN CURRENT MODE PWM
(1.5MHz) DC-DC CONVERTER
I
2% DC OUTPUT VOLTAGE TOLERANCE
I
INTERNAL SOFT START FOR START-UP
CURRENT LIMITIATION AND POWER ON
DELAY OF 50-100µs
I
TYPICAL EFFICIENCY: > 70% OVER ALL
OPERATING CONDITIONS
I
1.5A OUTPUT CURRENT CAPABILITY
I
NOT SWITCHING QUIESCENT CURRENT:
MAX 2.5mA OVER TEMPERATURE RANGE
I
SWITCH VDS: MAX 350mV @ISW=750mA
I
USES TINY CAPACITORS AND INDUCTORS
I
AVAILABLE IN DFN 3x3 EXPOSED PAD
DESCRIPTION
The ST1S03 is a step down DC-DC converter
optimized for powering low-voltage digital core in
HDD applications and, generally, to replace the
high current linear solution when the power
dissipation may cause an high heating of the
application environment. It provides up to 1.5A
over an input voltage range of 3V to 16V. An high
switching frequency (1.5MHz) allows the use of
tiny surface-mount components: as well as the
resistor divider to set the output voltage value,
only an inductor, a schottky diode and two
capacitors are required. Besides, a low output
ripple is guaranteed by the current mode PWM
topology and by the use of low E.S.R. SMD
ceramic
capacitors.
The
device
is
thermal
protected and current limited to prevent damages
due to accidental short circuit. The ST1S03 is
available in DFN6 package.
ST1S03
1.5A, 1.5 MHZ ADJUSTABLE,
STEP-DOWN SWITCHING REGULATOR IN DFN6
Figure 1: Schematic Diagram
DFN6 (3x3)
Rev. 3


Similar Part No. - ST1S03RPM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S03 STMICROELECTRONICS-ST1S03 Datasheet
342Kb / 17P
1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
29-Mar-2007
ST1S03 STMICROELECTRONICS-ST1S03 Datasheet
374Kb / 16P
1.5 A, 1.5 MHz adjustable, step-down switching regulator
07-Mar-2008
ST1S03 STMICROELECTRONICS-ST1S03 Datasheet
346Kb / 17P
1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
29-Mar-2007
ST1S03 STMICROELECTRONICS-ST1S03 Datasheet
600Kb / 16P
1.5 A, 1.5 MHz adjustable, step-down switching regulator
14-Nov-2014
ST1S03A STMICROELECTRONICS-ST1S03A Datasheet
280Kb / 14P
1.5A, 1.5 MHz Adjustable, with inhibit function Step-down switching regulator in DFN6 3x3
29-May-2007
More results

Similar Description - ST1S03RPM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
ST1S03 STMICROELECTRONICS-ST1S03_07 Datasheet
342Kb / 17P
1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
29-Mar-2007
ST1S06 STMICROELECTRONICS-ST1S06 Datasheet
502Kb / 19P
Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
03-Apr-2007
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
1.5A step-down switching regulator
16-Oct-2007
ST1S03 STMICROELECTRONICS-ST1S03_08 Datasheet
374Kb / 16P
1.5 A, 1.5 MHz adjustable, step-down switching regulator
07-Mar-2008
ST1S03A STMICROELECTRONICS-ST1S03A Datasheet
280Kb / 14P
1.5A, 1.5 MHz Adjustable, with inhibit function Step-down switching regulator in DFN6 3x3
29-May-2007
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
03-Jun-2008
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
18-May-2012
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
May-2005
ST1S03PMR STMICROELECTRONICS-ST1S03PMR Datasheet
346Kb / 17P
1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
29-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com