Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S03RPM Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST1S03RPM
Description  1.5A, 1.5 MHZ ADJUSTABLE, STEP-DOWN SWITCHING REGULATOR IN DFN6
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S03RPM Datasheet(HTML) 5 Page - STMicroelectronics

  ST1S03RPM Datasheet HTML 1Page - STMicroelectronics ST1S03RPM Datasheet HTML 2Page - STMicroelectronics ST1S03RPM Datasheet HTML 3Page - STMicroelectronics ST1S03RPM Datasheet HTML 4Page - STMicroelectronics ST1S03RPM Datasheet HTML 5Page - STMicroelectronics ST1S03RPM Datasheet HTML 6Page - STMicroelectronics ST1S03RPM Datasheet HTML 7Page - STMicroelectronics ST1S03RPM Datasheet HTML 8Page - STMicroelectronics ST1S03RPM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ST1S03
5/11
TYPICAL CHARACTERISTICS (CIN = 4.7µF, CO = 22µF, L1 = 3.3µH, unless otherwise specified)
Figure 4: Load Voltage Feedback vs
Temperature
Figure 5: Voltage Feedback vs Temperature
Figure 6: Line Output Voltage Regulation vs
Temperature
Figure 7: Line Voltage Feedback vs Temperature
Figure 8: Voltage Feedback vs Output Current
Figure 9: PWM Switching Frequency vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com